Selected language     English  â–¼


TLP371_07 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP371_07
Description  GaAs Ired & Photo−Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TLP371,TLP372
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP371, TLP372
Office Machine
Household Use Equipment
Telecommunication
Solid State Relay
Programmable Controllers
The TOSHIBA TLP371 and TLP372 consists of a gallium arsenide
infrared emitting diode optically coupled to a darlington connected
photo−transistor which has an integrated base−emitter resistor to
optimize switching speed and elevated temperature characteristics in a
six lead plastic DIP package.
TLP372 is no−base internal connection for high−EMI environments.
• Current transfer ratio: 1000% (min) (IF = 1mA)
• Isolation voltage: 5000 Vrms (min)
• UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
1
2
5
4
3
6
TLP371
1 : Anode
2 : Cathode
3 : NC
4 : Emitter
5 : Collector
6 : Base
1
2
5
4
3
6
TLP372
1 : Anode
2 : Cathode
3 : NC
4 : Emitter
5 : Collector
6 : NC
TOSHIBA
11
−7A8
Weight: 0.4g
Unit in mm




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP504A_07GaAs Ired & Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP421F_07GaAs IRed & Photo−Transistor 1 2 3 Toshiba Semiconductor
TLP181_02GaAs Ired and Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP523_07GaAs Ired & Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP666JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP666GFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP741GTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 3 4 5 MoreToshiba Semiconductor
TLP141GTOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl