Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HCT374AP Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74HCT374AP
Description  Octal D-Type Flip-Flop with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT374AP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HCT374AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT374AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT374AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT374AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT374AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT374AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT374AP_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC74HCT374AP/AF
2007-10-01
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7
V
DC input voltage
VIN
−0.5~VCC + 0.5
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±35
mA
DC VCC/ground current
ICC
±75
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65~150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C shall be
applied until 300 mW.
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5~5.5
V
Input voltage
VIN
0~VCC
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
tr, tf
0~500
ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
4.5~5.5
2.0
2.0
V
Low-level input
voltage
VIL
4.5~5.5
0.8
0.8
V
IOH = −20 μA
4.5
4.4
4.5
4.4
High-level output
voltage
VOH
VIN
= VIH or VIL IOH = −6 mA
4.5
4.18
4.31
4.13
V
IOL = 20 μA
4.5
0.0
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL IOL = 6 mA
4.5
0.17
0.26
0.33
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA
Quiescent supply
current
IC
Per input: VIN = 0.5 V or 2.4 V
Other input: VCC or GND
5.5
2.0
2.9
mA


Similar Part No. - TC74HCT374AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT374AP TOSHIBA-TC74HCT374AP Datasheet
232Kb / 6P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
More results

Similar Description - TC74HCT374AP_07

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com