Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA05E Datasheet(PDF) 5 Page - Astec America, Inc

Part # AA05E
Description  36 Vdc to 75 Vdc Inputs, 5 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA05E Datasheet(HTML) 5 Page - Astec America, Inc

  AA05E_07 Datasheet HTML 1Page - Astec America, Inc AA05E_07 Datasheet HTML 2Page - Astec America, Inc AA05E_07 Datasheet HTML 3Page - Astec America, Inc AA05E_07 Datasheet HTML 4Page - Astec America, Inc AA05E_07 Datasheet HTML 5Page - Astec America, Inc AA05E_07 Datasheet HTML 6Page - Astec America, Inc AA05E_07 Datasheet HTML 7Page - Astec America, Inc AA05E_07 Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Technical Reference Notes (TRN)
AA05E Series
36 Vdc to 75 Vdc Inputs, 5 W
_____________________________________________________________
ASTEC POWER - Andover
5 of 8
2.6
Test Configurations
Note: Measure input reflected-ripple current with a simulated source inductance (Ltest) of 12 uH. Capacitor
Cs offsets possible battery impedance. Measure current as shown above.
Figure 1. Input Reflected-ripple Test Setup.
Note: Use a 0.10 uF ceramic capacitors. Scope measurement should be made using a BNC socket. Position
the load between 51 mm and 76 mm (2 in. and 3 in. ) from module.
Figure 2. Peak-to-Peak Output Noise Measurement Test Setup.
3.0
Thermal Considerations
The power module operates in a variety of thermal environments; however, sufficient cooling
should be provided to help ensure reliable operation of the unit. Heat-dissipating components
inside the unit are thermally coupled to the case. Heat is removed by conduction, convection, and
radiation to the surrounding environment.
Increasing airflow over the module enhances the heat transfer via convection. Figure 3 shows the
maximum power that can be dissipated by the module without exceeding the maximum case
temperature versus local ambient temperature (Ta) for natural convection through 3.0 m/s (600
ft/min).
Systems in which these power modules are used typically generate natural convection airflow
rates of 0.25 m/s (50 ft/min) due to other heat dissipating components in the system. Therefore,
the natural convection condition represents airflow rates of approximately 0.25 m/s (50 ft/min).
Use of Figure 3 is shown in the following example:
BATTERY
Cs 220 uF
ESR < 0.1 OHM
@ 20 ºC, 100 kHz
Ltest
12 uH
33 uF
ESR < 0.7 OHM
@ 20 ºC, 100 kHz
Vi(+)
Vi(-)
TO OSCILLOSCOPE
Vo(+)
Vo(-)
RESISTIVE
LOAD
0.10uF
SCOPE
COPPER STRIP


Similar Part No. - AA05E_07

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA05E-012L-033S ASTEC-AA05E-012L-033S Datasheet
101Kb / 2P
   5 Watts
AA05E-012L-050S ASTEC-AA05E-012L-050S Datasheet
101Kb / 2P
   5 Watts
AA05E-012L-120D ASTEC-AA05E-012L-120D Datasheet
101Kb / 2P
   5 Watts
AA05E-012L-120S ASTEC-AA05E-012L-120S Datasheet
101Kb / 2P
   5 Watts
AA05E-012L-150D ASTEC-AA05E-012L-150D Datasheet
101Kb / 2P
   5 Watts
More results

Similar Description - AA05E_07

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com