Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA05E-048L-150S Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA05E-048L-150S
Description  36 Vdc to 75 Vdc Inputs, 5 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA05E-048L-150S Datasheet(HTML) 2 Page - Astec America, Inc

  AA05E-048L-150S Datasheet HTML 1Page - Astec America, Inc AA05E-048L-150S Datasheet HTML 2Page - Astec America, Inc AA05E-048L-150S Datasheet HTML 3Page - Astec America, Inc AA05E-048L-150S Datasheet HTML 4Page - Astec America, Inc AA05E-048L-150S Datasheet HTML 5Page - Astec America, Inc AA05E-048L-150S Datasheet HTML 6Page - Astec America, Inc AA05E-048L-150S Datasheet HTML 7Page - Astec America, Inc AA05E-048L-150S Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical Reference Notes (TRN)
AA05E Series
36 Vdc to 75 Vdc Inputs, 5 W
_____________________________________________________________
ASTEC POWER - Andover
2 of 8
1.
General Description and Scope
This specification covers the requirements for AA05E-048L-XXXS switching DC-DC converter.
This module operates off a 36 – 75V DC bus and provides both a single and dual isolated output.
Six output options are available in the family as shown below.
Table 1. Device Part Numbers
Model Designation
Part Number
033S
AA05E-048L-033S
050S
AA05E-048L-050S
120S
AA05E-048L-120S
150S
AA05E-048L-150S
120D
AA05E-048L-120D
150D
AA05E-048L-150D
2.
Electrical Specifications
2.1
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device.
These are absolute stress ratings only. Functional operation of the device in not implied at these
or any other conditions in excess of those given in the operational sections of the TRN. Exposure
to absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous:
Transient (100ms)
All
All
VI
VI, trans
0
0
-
-
-
25
Vdc
Vdc
Operating Case Temperature
All
Tc
-40
-
100
ºC
Storage Temperature
All
Tstg
-55
-
125
ºC
Operating Humidity
All
-
-
-
95
%
I/O Isolation
All
-
-
-
1500
Vdc


Similar Part No. - AA05E-048L-150S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA05E-048L-150S ASTEC-AA05E-048L-150S Datasheet
101Kb / 2P
   5 Watts
More results

Similar Description - AA05E-048L-150S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com