Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA10C-048L-120S Datasheet(PDF) 4 Page - Astec America, Inc

Part # AA10C-048L-120S
Description  36 Vdc to 75 Vdc Inputs, 10 W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C-048L-120S Datasheet(HTML) 4 Page - Astec America, Inc

  AA10C-048L-120S Datasheet HTML 1Page - Astec America, Inc AA10C-048L-120S Datasheet HTML 2Page - Astec America, Inc AA10C-048L-120S Datasheet HTML 3Page - Astec America, Inc AA10C-048L-120S Datasheet HTML 4Page - Astec America, Inc AA10C-048L-120S Datasheet HTML 5Page - Astec America, Inc AA10C-048L-120S Datasheet HTML 6Page - Astec America, Inc AA10C-048L-120S Datasheet HTML 7Page - Astec America, Inc AA10C-048L-120S Datasheet HTML 8Page - Astec America, Inc AA10C-048L-120S Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Technical Reference Notes (TRN)
AA10C Series
36 Vdc to 75 Vdc Inputs, 10 W
_____________________________________________________________
ASTEC POWER - Andover
4 of 12
Output Specifications (continued)
Table 3. Output Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Efficiency
(VI = VI,nom ; Io = Io,max; TA = 25
ºC )
015S-X
020S-X
025S-X*
033S-X
050S-X
120S-X
150S-X
Io
Io
Io
Io
Io
Io
Io
64
67
67
73
77
77
77
66
70
70
76
81
81
81
-
-
-
-
-
-
-
%
%
%
%
%
%
%
Switching Frequency
All
-
405
450
495
kHz
Dynamic Response:
(
∆Io/∆t = 1A/10us; VI = VI,nom; TA =
25 ºC )
Load Change from Io = 50% to
75% of Io, max:
Peak Deviation
Settling Time (to Vo,nom)
Load Change from Io = 50% to
25% of Io, max:
Peak Deviation
Settling Time (to Vo,nom)
All
All
-
-
-
-
-
-
-
-
2
250
2
250
6
500
6
500
%Vo
usec
%Vo
usec
Turn-on Time
(Io = Io,max; Vo within 1%)
All
-
-
1
5
msec
Output Voltage Overshoot
(Io = Io,max; TA = 25 ºC)
All
-
-
-
5
%Vo
Isolation Specifications
Table 4. Isolation Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
All
-
-
260
-
pF
Isolation Resistance
All
-
-
1000
-
Mohm
General Specifications
Table 5. General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Calculated MTBF (Io = Io,max; TA
= 25 ºC
)
All
-
-
TBD
-
hours
Weight
All
-
-
-
18(0.63)
g (oz.)
* For a 2.5V output, use the 2V output model (020S-X) with an the output voltage adjustment option.


Similar Part No. - AA10C-048L-120S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C-048L-050S ASTEC-AA10C-048L-050S Datasheet
1Mb / 2P
   10/15 Watts
More results

Similar Description - AA10C-048L-120S

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com