Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEH60F48 Datasheet(PDF) 9 Page - Astec America, Inc

Part # AEH60F48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH60F48 Datasheet(HTML) 9 Page - Astec America, Inc

Back Button AEH60F48 Datasheet HTML 5Page - Astec America, Inc AEH60F48 Datasheet HTML 6Page - Astec America, Inc AEH60F48 Datasheet HTML 7Page - Astec America, Inc AEH60F48 Datasheet HTML 8Page - Astec America, Inc AEH60F48 Datasheet HTML 9Page - Astec America, Inc AEH60F48 Datasheet HTML 10Page - Astec America, Inc AEH60F48 Datasheet HTML 11Page - Astec America, Inc AEH60F48 Datasheet HTML 12Page - Astec America, Inc AEH60F48 Datasheet HTML 13Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Technical Reference Notes (AEH60/ALH60F48)
MODEL: AEH/ALH60F48
SHEET 9 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Performance Curves
EFFICIENCY
Figure 5. AEH/ALH60 3V3 Efficiency Curve at TC = 25°C
Figure 6. AEH/ALH60 3V3 Efficiency Curve at TC = 70°C
TRANSIENT RESPONSE
3V3 Efficiency VS Load Current @ Tc = 25 deg C
55%
60%
65%
70%
75%
80%
85%
90%
95%
0
10
20
30
40
50
60
LOAD CURRENT [Amp]
Vin = 36Vdc
Vin = 48Vdc
Vin = 75Vdc
3V3 Efficiency VS Load Current @ Tc = 70 deg C
55%
60%
65%
70%
75%
80%
85%
90%
95%
0
10
20
30
40
50
60
LOAD CURRENT [Amp]
Vin = 36Vdc
Vin = 48Vdc
Vin = 75Vdc
Figure 7. 3V3 output: 50% to 75% load change with no
external capacitor at 0.1A/uS slew rate (CH1 at
1A/10mV).
Figure 8: 3V3 output: 50% to 75% load change with
10,000uF external capacitor at 0.1A/uS slew
rate (CH1 at 1A/10mV).


Similar Part No. - AEH60F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH60F48 ASTEC-AEH60F48 Datasheet
506Kb / 2P
   Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
logo
Emerson Network Power
AEH60F48 EMERSON-NETWORKPOWER-AEH60F48 Datasheet
1Mb / 2P
   Ultra High Efficiency Half Brick
AEH60F48N EMERSON-NETWORKPOWER-AEH60F48N Datasheet
1Mb / 2P
   Ultra High Efficiency Half Brick
More results

Similar Description - AEH60F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
   Industry standard Eighth-brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com