Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA60A-036L-050D033H-8 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AA60A-036L-050D033H-8
Description  This specification covers the requirement for a wide input voltage range (18V to 60V) half brick - baseplate design,
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA60A-036L-050D033H-8 Datasheet(HTML) 1 Page - Astec America, Inc

  AA60A-036L-050D033H-8 Datasheet HTML 1Page - Astec America, Inc AA60A-036L-050D033H-8 Datasheet HTML 2Page - Astec America, Inc AA60A-036L-050D033H-8 Datasheet HTML 3Page - Astec America, Inc AA60A-036L-050D033H-8 Datasheet HTML 4Page - Astec America, Inc AA60A-036L-050D033H-8 Datasheet HTML 5Page - Astec America, Inc AA60A-036L-050D033H-8 Datasheet HTML 6Page - Astec America, Inc AA60A-036L-050D033H-8 Datasheet HTML 7Page - Astec America, Inc AA60A-036L-050D033H-8 Datasheet HTML 8Page - Astec America, Inc AA60A-036L-050D033H-8 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Technical Reference Notes
AA60A-036L-050D033H Series
(5V / 3V3 Dual Output Half Brick)
MODEL: AA60A-036L-050D033H SERIES
SHEET 1 OF 12
OCTOBER 10, 2002 - REVISION A
AA60A-036L-050D033H SERIES
This specification covers the requirement for a wide input voltage range (18V to 60V) half brick - baseplate design,
60W power - dual output high efficiency DC/DC converter.
MODEL NAME
VIN nominal
VOUT / IOUT
AA60A-036L-050D033H
36V
5V, 12A / 3.3V, 15A
AA60A-036L-050D033HN
36V
5V, 12A / 3.3V, 15A
AA60A-036L-050D033H-6
36V
5V, 12A / 3.3V, 15A
AA60A-036L-050D033HN-6
36V
5V, 12A / 3.3V, 15A
AA60A-036L-050D033H-8
36V
5V, 12A / 3.3V, 15A
AA60A-036L-050D033HN-8
36V
5V, 12A / 3.3V, 15A
AA60A-036L-050D033H-6M3
36V
5V, 12A / 3.3V, 15A
AA60A-036L-050D033H-8M3
36V
5V, 12A / 3.3V, 15A
AA60A-036L-050D033H-6M4
36V
5V, 12A / 3.3V, 15A
AA60A-036L-050D033H-8M4
36V
5V, 12A / 3.3V, 15A
AA60A-036L-050D033H-6M9
36V
5V, 12A / 3.3V, 15A
OPTIONS:
SUFFIX
Negative Enable:
"N"
Positive Enable:
No suffix “N”
3.7mm (nom) Pin Length:
"-6"
2.8mm (nom) Pin Length:
"-8"
0.45"H - Transverse Heatsink
M3
0.45"H - Longitudinal Heatsink
M4
Non-threaded baseplate stand-off M9


Similar Part No. - AA60A-036L-050D033H-8

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA60A-036L-050D033H ASTEC-AA60A-036L-050D033H Datasheet
74Kb / 2P
   AA60A Series - WIde Input - Dual Output
More results

Similar Description - AA60A-036L-050D033H-8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15162TAEVKIT MAXIM-MAX15162TAEVKIT Datasheet
768Kb / 14P
   8V to 60V Wide Input Voltage Range
Rev 0; 1/20
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
   Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102_14 Datasheet
706Kb / 17P
   Wide 4.5V to 18V Operating Input Range
Rev 2, 23-May-12
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
List of Unclassifed Man...
ELC09D102F ETC-ELC09D102F Datasheet
258Kb / 7P
   This specification covers the CHOKE COIL
logo
Maxim Integrated Produc...
MAX25610 MAXIM-MAX25610 Datasheet
496Kb / 10P
   5V to 18V Input Voltage Range
Rev 0; 4/19
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com