Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOL1424 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOL1424
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1424 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOL1424 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1424 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1424 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1424 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1424 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AOL1424
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
10
20
30
40
50
60
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 12: Power De-rating (Note B)
0
20
40
60
80
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 13: Current De-rating (Note B)
0
20
40
60
80
100
120
140
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 14: Single Pulse Power Rating Junction-to-Ambient (Note G)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Normalized Maximum Transient Thermal Impedance (Note G)
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=55°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOL1424

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOL1420 AOSMD-AOL1420 Datasheet
127Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1420 AOSMD-AOL1420 Datasheet
240Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1420L AOSMD-AOL1420L Datasheet
127Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1420 AOSMD-AOL1420_08 Datasheet
240Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1422 AOSMD-AOL1422 Datasheet
151Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOL1424

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com