Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F20UP60DN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # F20UP60DN
Description  20A, 600V Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

F20UP60DN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  F20UP60DN Datasheet HTML 1Page - Fairchild Semiconductor F20UP60DN Datasheet HTML 2Page - Fairchild Semiconductor F20UP60DN Datasheet HTML 3Page - Fairchild Semiconductor F20UP60DN Datasheet HTML 4Page - Fairchild Semiconductor F20UP60DN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FFPF20UP60DN Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
Figure 2. Typical Reverse Current
vs. Forward Current
vs. Reverse Voltage
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Figure 6. Forward Current Derating Curve
Current vs. di/dt
0.0
0.5
1.0
1.5
2.0
0.1
1
10
T
C = 100
o
C
Forward Voltage, V
F
[V]
T
C = 25
o
C
30
100
200
300
400
500
600
0.1
1
10
100
1000
10000
T
C = 25
o
C
T
C = 100
o
C
Reverse Voltage, V
R [V]
10
0.1
1
10
100
0
25
50
75
100
125
Typical Capacitance
at 0V = 124 pF
Reverse Voltage, V
R
[V]
100
150
200
250
300
350
400
40
80
120
T
C = 25
o
C
T
C = 100
o
C
di/dt [A/µs]
160
100
150
200
250
300
350
400
2
4
6
8
10
TC = 25
o
C
T
C = 100
o
C
di/dt [A/µs]
25
50
75
100
125
150
0
4
8
12
16
20
Case temperature, T
C
[
o
C]


Similar Part No. - F20UP60DN

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F20UP20DN THINKISEMI-F20UP20DN Datasheet
3Mb / 2P
   20Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
logo
Fairchild Semiconductor
F20UP20DP FAIRCHILD-F20UP20DP Datasheet
146Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
Thinki Semiconductor Co...
F20UP20DP THINKISEMI-F20UP20DP Datasheet
664Kb / 2P
   10 Ampere Dual Common Anode Ultra Fast Recovery Half Bridge Rectifier
logo
Fairchild Semiconductor
F20UP20S FAIRCHILD-F20UP20S Datasheet
155Kb / 5P
   Ultrafast Recovery Power Rectifier
F20UP20S FAIRCHILD-F20UP20S Datasheet
182Kb / 5P
   Ultrafast Rectifier
More results

Similar Description - F20UP60DN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF20A600HPI KODENSHI-SF20A600HPI Datasheet
297Kb / 5P
   600V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D600D2 KODENSHI-SF20D600D2 Datasheet
255Kb / 5P
   600V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A600HCI KODENSHI-SF20A600HCI Datasheet
267Kb / 5P
   600V, 20A ULTRAFAST DUAL RECTIFIERS
logo
Fairchild Semiconductor
RURP1560_F085 FAIRCHILD-RURP1560_F085 Datasheet
472Kb / 6P
   15A, 600V Ultrafast Rectifier
FFH60UP60S3 FAIRCHILD-FFH60UP60S3 Datasheet
490Kb / 6P
   60A, 600V Ultrafast Rectifier
logo
Taiwan Semiconductor Co...
UF5JFC TSC-UF5JFC Datasheet
300Kb / 5P
   5A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN30W600W2 KODENSHI-SFN30W600W2 Datasheet
241Kb / 5P
   600V, 30A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
RURG8060_F085 FAIRCHILD-RURG8060_F085 Datasheet
546Kb / 6P
   80A, 600V Ultrafast Rectifier
RURG3060_F085 FAIRCHILD-RURG3060_F085 Datasheet
276Kb / 6P
   30A, 600V Ultrafast Rectifier
RURG3060CC_F085 FAIRCHILD-RURG3060CC_F085 Datasheet
256Kb / 6P
   30A, 600V Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com