Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA4157AP6X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSA4157AP6X
Description  Low-Voltage, 1廓 SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA4157AP6X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSA4157AP6X Datasheet HTML 1Page - Fairchild Semiconductor FSA4157AP6X Datasheet HTML 2Page - Fairchild Semiconductor FSA4157AP6X Datasheet HTML 3Page - Fairchild Semiconductor FSA4157AP6X Datasheet HTML 4Page - Fairchild Semiconductor FSA4157AP6X Datasheet HTML 5Page - Fairchild Semiconductor FSA4157AP6X Datasheet HTML 6Page - Fairchild Semiconductor FSA4157AP6X Datasheet HTML 7Page - Fairchild Semiconductor FSA4157AP6X Datasheet HTML 8Page - Fairchild Semiconductor FSA4157AP6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA4157.FSA4157A Rev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
6.0
V
VS
DC Switch Voltage
(2)
-0.5
VCC + 0.5
V
VIN
DC Input Voltage
(2)
-0.5
6.0
V
IIK
DC Input Diode Current
-50
mA
ISW
Switch Current
200
mA
ISWPEAK
Peak Switch Current .(Pulse at 1ms duration, <10% Duty Cycle)
400
mA
SC70
PD
Power Dissipation at 85°C
MicroPak™
180
mW
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
ESD
Human Body Model, JESD22-A114 (FSA4157A)
7500
V
Note:
2.
Input and output negative ratings may be exceeded if input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
FSA4157
1.65
5.50
VCC
Supply Voltage
FSA4157A
2.7
5.5
V
VCNTRL
Control Input Voltage
(3)
0
VCC
V
VSW
Switch Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C
SC70
350
θ
JA
Thermal Resistance in Still Air
MicroPak™ (Estimated)
330
°C/W
Note:
3.
Control input must be held HIGH or LOW and it must not float.


Similar Part No. - FSA4157AP6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA4157AP6X FAIRCHILD-FSA4157AP6X Datasheet
679Kb / 14P
   Low Voltage 1OHM SPDT Analog Switch
logo
ON Semiconductor
FSA4157AP6X ONSEMI-FSA4157AP6X Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
logo
Fairchild Semiconductor
FSA4157AP6X-NL FAIRCHILD-FSA4157AP6X-NL Datasheet
679Kb / 14P
   Low Voltage 1OHM SPDT Analog Switch
FSA4157AP6X FAIRCHILD-FSA4157AP6X_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
More results

Similar Description - FSA4157AP6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM3157 SGMICRO-SGM3157 Datasheet
417Kb / 10P
   4.5廓 Low Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157 Datasheet
418Kb / 10P
   0.8廓 Low-Voltage SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159_15 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com