Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEQ15AF48N Datasheet(PDF) 4 Page - Astec America, Inc

Part # AEQ15AF48N
Description  Industry StandardBrick w/ Baseplate: 36V-75V Input; 60W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ15AF48N Datasheet(HTML) 4 Page - Astec America, Inc

  AEQ15AF48N Datasheet HTML 1Page - Astec America, Inc AEQ15AF48N Datasheet HTML 2Page - Astec America, Inc AEQ15AF48N Datasheet HTML 3Page - Astec America, Inc AEQ15AF48N Datasheet HTML 4Page - Astec America, Inc AEQ15AF48N Datasheet HTML 5Page - Astec America, Inc AEQ15AF48N Datasheet HTML 6Page - Astec America, Inc AEQ15AF48N Datasheet HTML 7Page - Astec America, Inc AEQ15AF48N Datasheet HTML 8Page - Astec America, Inc AEQ15AF48N Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Technical Reference Notes
AEQ15AF48 Series
(Dual Output Quarter Brick - Baseplate)
MODEL: AEQ15AF48 SERIES
SHEET 4 OF 15
JUNE 16, 2003 - REVISION 01
Electrical Specifications (continued)
INPUT SPECIFICATION
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
36
48
75
VDC
Input Under-Voltage Lock-out
T_ON Threshold
T_OFF Threshold
All
-
30
34.5
32.5
35
-
Vdc
Vdc
Maximum Input Current
1
Conditions: VIN =VIN,min
IO = IO,max; TA = 25 ºC
All
IIN,max
-
-
2.25
A
No Load Input Power
VIN = 48Vdc
All
-
-
3.5
W
Input Reflected Ripple Current
2
Conditions: PO = PO,max; TA = 25 ºC
BW: 5Hz to 20MHz
All
II1/ II2
-
-
260
mAPK-PK
Note:
2. External input capacitance required. See Input Reflected Ripple Current test measurement setup on Fig 1.
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set point
VIN = VIN, min to VIN, max;
IO =IO1 + IO2 = 6A + 9A; TA = 25°C
All
VO,SET1
VO,SET2
4.93
3.25
5.00
3.30
5.08
3.35
Vdc
Output Current
All
IO1
IO2
1
1
-
-
12
15
A
A
Output Regulation
Line: VIN = VIN, Min to VIN, max
IO1 = 6A; IO2 = 9A
Load: (1. VIN = 48Vdc; IO2 = IO,min:
IO1 = IO,min to IO,max.
2.VIN = 48Vdc; IO1 = 3.5A;
IO2 = 1-13A) TA =25°C @
300LFM
All
VO1
VO2
VO1
VO2
4.80
3.20
4.80
3.20
-
-
-
-
5.20
3.40
5.20
3.40
Vdc
Vdc
Vdc
Vdc
Ripple and Noise
3
Peak-to-Peak: (5Hz to 20MHz)
All
VO1
VO2
-
-
-
-
80
60
mVPK-PK
mVPK-PK
External Load Capacitance
All
-
-
-
10,000
µF
Output Current-limit Inception
4
VOUT = 90% VO,SET
All
IO1
IO2
13
18
-
-
18
24
A
A
Output Short Circuit Current
5
All
-
-
150
IO,max
Efficiency
Conditions: IO=IO1+IO2=6A+9A;
VIN = 48Vdc; TA = 25°C
All
89
90
-
%


Similar Part No. - AEQ15AF48N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ15AF48N ASTEC-AEQ15AF48N Datasheet
61Kb / 2P
   Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
logo
Emerson Network Power
AEQ15AF48N EMERSON-NETWORKPOWER-AEQ15AF48N Datasheet
61Kb / 2P
   High Efficiency
logo
Astec America, Inc
AEQ15AF48N-6 ASTEC-AEQ15AF48N-6 Datasheet
61Kb / 2P
   Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
logo
Emerson Network Power
AEQ15AF48N-6 EMERSON-NETWORKPOWER-AEQ15AF48N-6 Datasheet
61Kb / 2P
   High Efficiency
More results

Similar Description - AEQ15AF48N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com