Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC4511AP Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74HC4511AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic BCD-to-7 Segment Latch/Decoder/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4511AP Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC4511AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4511AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4511AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4511AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4511AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4511AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4511AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4511AP Datasheet HTML 10Page - Toshiba Semiconductor TC74HC4511AP Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74HC4511AP/AF
2007-10-01
7
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
4
8
ns
Output transition time
tTHL
4
8
ns
Propagation delay time
(BCD-segment)
tpLH
tpHL
28
45
ns
Propagation delay time
( BI -segment)
tpLH
tpHL
18
31
ns
Propagation delay time
( LT -segment)
tpLH
tpHL
12
21
ns
Propagation delay time
(LE-segment)
tpLH
tpHL
26
44
ns
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
low to high
tTLH
2.0
4.5
6.0
25
7
6
60
12
11
75
15
13
ns
Output transition time
high to low
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(BCD-segment)
tpLH
tpHL
2.0
4.5
6.0
125
33
23
255
51
43
320
64
54
ns
Propagation delay
time
( BI -segment)
tpLH
tpHL
2.0
4.5
6.0
70
22
17
175
35
30
220
44
37
ns
Propagation delay
time
( LT -segment)
tpLH
tpHL
2.0
4.5
6.0
60
15
12
120
24
20
150
30
26
ns
Propagation delay
time
(LE-segment)
tpLH
tpHL
2.0
4.5
6.0
95
32
23
240
48
41
300
60
51
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
95
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC74HC4511AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
More results

Similar Description - TC74HC4511AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com