Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP363J Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP363J
Description  GaAs Ired & Photo-Triac
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP363J Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP363J Datasheet HTML 1Page - Toshiba Semiconductor TLP363J Datasheet HTML 2Page - Toshiba Semiconductor TLP363J Datasheet HTML 3Page - Toshiba Semiconductor TLP363J Datasheet HTML 4Page - Toshiba Semiconductor TLP363J Datasheet HTML 5Page - Toshiba Semiconductor TLP363J Datasheet HTML 6Page - Toshiba Semiconductor TLP363J Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP363J
2007-10-01
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Peak off-state current
IDRM
VDRM = 600 V
10
1000
nA
Peak on-state voltage
VTM
ITM = 100 mA
1.7
3.0
V
Holding current
IH
0.6
mA
Critical rate of rise of
off-state voltage
dv/dt
Vin = 240 Vrms , Ta = 85°C
(Note 2)
200
500
V/μs
Critical rate of rise of
commutating voltage
dv/dt(c)
Vin = 60 Vrms , IT = 15 mA
(Note 2)
0.2
V/μs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT = 3 V
10
mA
Inhibit voltage
VIH
IF = Rated IFT
20
V
Leakage in inhibited state
IIH
IF = Rated IFT
VT = Rated VDRM
200
600
μA
Turn-on time
tON
VD =3 → 1.5 V , RL = 20 Ω
IF = Rated IFTΧ1.5
30
100
μs
Impulse noise durability
VN
tN=1μs, Snuber condition
100
Ω +0.033 μF (Note.3)
2000
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance (input to output)
CS
VS = 0 , f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
1×10
12
10
14
Ω
AC , 1 minute
5000
AC , 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC , 1 minute, in oil
10000
Vdc
(Note 2): dv/dt test circuit
0V
1
2
4
Vcc
+
-
Rin
120
Ω
Vin
3
RL
dv/dt (c)
dv/dt
+5 V, Vcc


Similar Part No. - TLP363J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP363JF TOSHIBA-TLP363JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP363J TOSHIBA-TLP363J_14 Datasheet
243Kb / 7P
   TOSHIBA Photocoupler GaAs Ired LED and Photo-Triac
More results

Similar Description - TLP363J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
   GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J_07 Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_07 Datasheet
158Kb / 6P
   GaAs Ired & Photo-Triac
TLP360JF TOSHIBA-TLP360JF Datasheet
120Kb / 2P
   GaAs Ired & Photo-Triac
TLP363JF TOSHIBA-TLP363JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com