Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIF04ZPFC-02NTL Datasheet(PDF) 4 Page - Astec America, Inc

Part # AIF04ZPFC-02NTL
Description  AC-DC Converter Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF04ZPFC-02NTL Datasheet(HTML) 4 Page - Astec America, Inc

  AIF04ZPFC-02NTL Datasheet HTML 1Page - Astec America, Inc AIF04ZPFC-02NTL Datasheet HTML 2Page - Astec America, Inc AIF04ZPFC-02NTL Datasheet HTML 3Page - Astec America, Inc AIF04ZPFC-02NTL Datasheet HTML 4Page - Astec America, Inc AIF04ZPFC-02NTL Datasheet HTML 5Page - Astec America, Inc AIF04ZPFC-02NTL Datasheet HTML 6Page - Astec America, Inc AIF04ZPFC-02NTL Datasheet HTML 7Page - Astec America, Inc AIF04ZPFC-02NTL Datasheet HTML 8Page - Astec America, Inc AIF04ZPFC-02NTL Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 4 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
CONTROLSIGNALS
Control Function
Conditions
Parameter
Min
Typ
Max
Units
TEMPMON- temperature
VTEMPMONSensitivity
9.8
10
10.2
mV/
°C
monitor signal
Source impedence
16
K
VADJ - voltage adjust*
Adjust usingexternal resistor
Vo
60
100
%VOnom
CMON- current monitor
IO=4.2A
ICMON
0.9
1
1.1
mA
signal
IO=20to100%IOrated
IO/ICMON
4.2
A/mA
CSHARE- current share
CSHAREpins of modules in
CSHAREaccuracy
? %
? 0
%IOrated
function**
parallel connected
Maxno. of units
10
CLKOUT- clockoutput
VCLKOUT
5Vp-p
CLKINopen
Clockfreq.
0.97
1
1.03
MHz
Maxfanout
2
CLKIN- clockinput
VCLKIN
4.5
6
Vp-p
Clockfreq
0.95
1
1.05
MHz
PFWADJ - power fail
PFWADJ=0to2.05VDC
PFWset point
195
205
215
VDC
warningadjust
PFWADJ=3.2VDC
PFWset point
305
320
335
VDC
PFWADJ =3.40VDC
PFWset point
325
340
355
VDC
PFW ADJ current source
1
mA
PFW- power fail warning***
Input Power OK, IPFW=0
VPFW
12
13.7
15
V
Input Power Fail, IPFW=15mA
VPFW
00.2
0.4
V
(PFWshort toS_GND)
PFWcurrent source
2.9
-
mA
LDENABLE- loadenable
Loadenabled, (ILDENABLE =0)
VLDENABLE
12
13.7
15
V
Loaddisabled, (ILDENABLE =15mA)
VLDENABLE
00.2
0.4
V
LDENABLEshort toS_GND
LDENABLEcurrent source
2.9
-
mA
PFENABLE- module
Negative Enable:
enable***
Module enabled
VPFENABLE
00.8
V
Module disabled
VPFENABLE
2.2
5
V
Positive Enable:
Module enabled
VPFENABLE
2.2
5
V
Module disabled
VPFENABLE
00.8
V
VENABLE =0.8V
PFENABLEcurrent source
400
µA
PV_AUX***
IPV_AUX=0A
PV_AUXVoltage
11
V
IPV_AUX=20mA
PV_AUXVoltage
8
9
V
* PFWis not validwhenusingvoltage adjust feature
**For AIF04ZPFC-01L, total input current of all the modules must not exceed16Arms
***Onlyapplyonprimaryside


Similar Part No. - AIF04ZPFC-02NTL

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF04ZPFC-02N ASTEC-AIF04ZPFC-02N Datasheet
117Kb / 2P
   1600 Watts
More results

Similar Description - AIF04ZPFC-02NTL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
H8D3190 MURATA-H8D3190 Datasheet
37Kb / 1P
   AC-DC Converter Module
logo
Delta Electronics, Inc.
PACSR24021 DELTA-PACSR24021 Datasheet
778Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR28018 DELTA-PACSR28018 Datasheet
776Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR24012 DELTA-PACSR24012 Datasheet
785Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR28010 DELTA-PACSR28010 Datasheet
830Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR48006 DELTA-PACSR48006 Datasheet
903Kb / 7P
   48V Output AC/DC Converter, Module Package
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com