Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWO25F24N-S Datasheet(PDF) 3 Page - Astec America, Inc

Part # AWO25F24N-S
Description  Single Output 8th Brick: Open-Frame Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AWO25F24N-S Datasheet(HTML) 3 Page - Astec America, Inc

  AWO25F24N-S Datasheet HTML 1Page - Astec America, Inc AWO25F24N-S Datasheet HTML 2Page - Astec America, Inc AWO25F24N-S Datasheet HTML 3Page - Astec America, Inc AWO25F24N-S Datasheet HTML 4Page - Astec America, Inc AWO25F24N-S Datasheet HTML 5Page - Astec America, Inc AWO25F24N-S Datasheet HTML 6Page - Astec America, Inc AWO25F24N-S Datasheet HTML 7Page - Astec America, Inc AWO25F24N-S Datasheet HTML 8Page - Astec America, Inc AWO25F24N-S Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Technical Reference Notes
ALO25F24
(Single Output 8
th Brick)
MODEL: ALO25F24
SHEET 3 OF 13
AUGUST 23, 2005 - REVISION H
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typical
Max
Unit
Output Voltage Set point
VIN = VIN, Min to VIN, Max
IO = IO, Max
All
VO, SET
3.24
3.30
3.35
Vdc
Output Regulation
Line
VIN = VIN, Min to VIN, Max
Load
IO = IO, Min to IO, Max
Temperature:
TA = -40°C to 85°C
All
-
-
-
-
-
-
-
-
-
± 0.20
± 0.20
± 1.00
%
Output Ripple and Noise
3
Peak-to-Peak: (5Hz to 20MHz)
All
-
-
40
75
mVp-p
External Load Capacitance
Capacitor ESR
All
-
-
15
-
-
15,000
-
µF
m
Output Current
4
All
IO
0-
25
A
Output Current-limit Inception
VOUT = 90% VO, Set ;
TA = 25°C
All
IO
26.5
-
35
A
Output Over Voltage Protection
All
VO
3.9
4.1
4.9
V
Over Temperature Protection
(AVG. PCB TEMP)
All
103
-
117
°C
Efficiency
VIN = VIN, Nom; IO = IO, Max
TA = 25ºC
All
η
87
88
-
%
Turn On Response Time
VIN = VIN, Min toVIN, Max
All
-
-
-
15
ms
Enable to Output Turn-On Delay
VIN = VIN, Min toVIN, Max
IO = IO, Min to IO, Max
All
-
-
-
15
ms
+ VIN to Output Turn-On Delay
Enable Pin: Active
VIN = VIN, Nom
IO = IO, Max
All
-
-
-
15
ms
Switching Frequency
All
-
580
660
740
kHz
Output Voltage Remote Sensing
All
-
-
-
10
%VO
Output Voltage Trim Range
5
All
90
110
%VO
Output Enable ON/OFF
6
Enable Signal Slew Rate
Negative Enable (“N” suffix)
Enable Pin Voltage: Mod-ON
Mod-OFF
Positive Enable (No suffix)
Enable Pin Voltage: Mod-ON
Mod-OFF
All
-
-
-
-
-
0.01
0
2.95
2.95
0
-
-
-
-
-
-
0.8
20
20
0.8
V/ms
V
V
V
V


Similar Description - AWO25F24N-S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
   AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO10B48N-6S ASTEC-ALO10B48N-6S Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com