Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWO25F24-S Datasheet(PDF) 2 Page - Astec America, Inc

Part # AWO25F24-S
Description  Single Output 8th Brick: Open-Frame Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AWO25F24-S Datasheet(HTML) 2 Page - Astec America, Inc

  AWO25F24-S Datasheet HTML 1Page - Astec America, Inc AWO25F24-S Datasheet HTML 2Page - Astec America, Inc AWO25F24-S Datasheet HTML 3Page - Astec America, Inc AWO25F24-S Datasheet HTML 4Page - Astec America, Inc AWO25F24-S Datasheet HTML 5Page - Astec America, Inc AWO25F24-S Datasheet HTML 6Page - Astec America, Inc AWO25F24-S Datasheet HTML 7Page - Astec America, Inc AWO25F24-S Datasheet HTML 8Page - Astec America, Inc AWO25F24-S Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical Reference Notes
ALO25F24
(Single Output 8
th Brick)
MODEL: ALO25F24
SHEET 2 OF 13
AUGUST 23, 2005 - REVISION H
Electrical Specifications
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the converter. Functional
operation of the device is converter is not implied at these or any other conditions in excess of those given in the
operational section of the specs. Exposure to absolute maximum ratings for extended period can adversely affect
device reliability.
Parameter
Device
Symbol
Min
Typical
Max
Unit
Input Voltage
Continuous
Transient (100ms)
All
Vin
Vin trans
-
-
-
-
36
50
Vdc
I/O Isolation
(Conditions 50
µA for 5 sec, slew
rate of 1500V/10sec)
Input-to-Output
All
-
-
-
1500
Vdc
Operating Temperature
All
TA
-40
-
85
ºC
Storage Temperature
All
TSTG
-40
-
125
ºC
Operating Humidity
All
-
10
-
85
%
Max Voltage at Enable Pin
All
-
-
25
Vdc
Max Output Power
All
PO,MAX
-
-
82.5
W
INPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typical
Max
Unit
Operating Input Voltage Range
All
VIN
18
24
36
Vdc
Input Under-Voltage Lock-out
T_ON Threshold
T_OFF Threshold
All
17.2
15.8
-
-
17.95
16.50
Vdc
Input Line Drop Out Time (25
°C)
- within overshoot spec
- within 450mV overshoot
All
All
VIN
VIN
5
1
-
-
-
-
ms
Max Input Current
1
(VIN = VIN, Min ; IO = IO, Max)
All
Iinmax
--
6.0
A
Max Pdiss @ IO = 0A
(VIN = VIN, Nom)
Temperature: TA = 25°C
All
-
-
4.6
W
Input Ripple Current
2
5Hz to 20MHz
All
II1
-6-
mAp-p
Input Voltage Rise Time
10% to 90% of Vout
All
-
-
1.7
V/ms
Inrush Current
dIIN/dt
All
-
-
5
Apk


Similar Description - AWO25F24-S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
   AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO10B48N-6S ASTEC-ALO10B48N-6S Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com