Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP280-4 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLP280-4
Description  GaAs Ired & Photo−Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP280-4 Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TLP280-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP280-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP280-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP280-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP280-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP280-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP280-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP280-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP280-4 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLP280,TLP280
−4
2007-10-01
8
Switching Time– Ta
IF = 16mA
tOFF
Ambient temperature Ta (℃)
0.1
100
1
100
10
50
0
-20
VCC = 5V
RL = 1.9kΩ
ts
tON
VCE(sat) – Ta
Ambient temperature Ta (℃)
IF = 8mA, IC = 2.4mA
IF = 1mA, IC = 0.2mA
0
100
0
-40-2
0.24
50
0.20
0.16
0.12
0.08
0.04
25
10
5
1
IF = 0.5mA
VCE = 5V
IC – Ta
Ambient temperature Ta (℃)
0.1
100
0
-20
1
100
50
10
Load resistance RL (KΩ)
Ta = 25℃
IF = 16mA
VCC = 5V
Switching Time– RL
100
1
100
1000
10
10
1
tOFF
ts
tON


Similar Part No. - TLP280-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP280-4 TOSHIBA-TLP280-4 Datasheet
185Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
More results

Similar Description - TLP280-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
   GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
   GaAs IRed & Photo−Transistor
TLP523 TOSHIBA-TLP523_07 Datasheet
262Kb / 7P
   GaAs Ired & Photo−Transistor
TLP504A TOSHIBA-TLP504A_07 Datasheet
228Kb / 8P
   GaAs Ired & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
   GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_02 Datasheet
152Kb / 9P
   GaAs Ired and Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
   Photocoupler GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com