Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ07FM48N-8 Datasheet(PDF) 5 Page - Astec America, Inc

Part # ALQ07FM48N-8
Description  Technical Reference Notes
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07FM48N-8 Datasheet(HTML) 5 Page - Astec America, Inc

  ALQ07FM48N-8 Datasheet HTML 1Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 2Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 3Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 4Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 5Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 6Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 7Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 8Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage and
temperature conditions. Standard test condition on a single unit is as following:
Ta(ambient):
25 oC
+Vin:
48V±2%
-Vin:
return pin for +Vin
CNT:
connect to COM for negative logic produce
open for positive logic produce
+Vo1, +Vo2:
connect to load
COM:
connect to load (return)
Trim(Vadj):
open
Input Specifications
Parameter
Device
Symbol
Min
Typ.
Max
Unit
Operating Input Voltage
All
VI
36
48
75
Vdc
Maximum Input Current
(VI = 0 to VI,max, Io = Io,max)
All
II,max
-
-
1
A
Input Reflected-ripple Current
(5Hz to 20MHz: 12μH source
impedance: Ta = 25 ºC.)
All
II
-
-
10
mAp-p
No Load Input Power
(VI = VI,nom )
All
-
-
-
3.3
W
CAUTION: This power module is not internally fused. An input line fuse must
always be used.


Similar Part No. - ALQ07FM48N-8

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ07FM48 ASTEC-ALQ07FM48 Datasheet
143Kb / 2P
   7 Amps
logo
Emerson Network Power
ALQ07FM48 EMERSON-NETWORKPOWER-ALQ07FM48 Datasheet
143Kb / 2P
   Dual output Quarter Brick
More results

Similar Description - ALQ07FM48N-8

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGQ300-48S1V2 EMERSON-NETWORKPOWER-AGQ300-48S1V2 Datasheet
339Kb / 18P
   AGQ300-48S1V2 DC/DC Converter Technical Reference Notes
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
Magnetrol International...
S21-1A1A-012 MAGNETROL-S21-1A1A-012 Datasheet
238Kb / 15P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC Datasheet
1Mb / 118P
   Technical Reference Manual
ARM920T ATMEL-ARM920T_14 Datasheet
2Mb / 350P
   Technical Reference Manual
logo
List of Unclassifed Man...
ARM940T ETC1-ARM940T Datasheet
2Mb / 230P
   TECHNICAL REFERENCE MANUAL
ARM926EJ-S ETC2-ARM926EJ-S Datasheet
1Mb / 236P
   Technical Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com