Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ07FM48N-8 Datasheet(PDF) 6 Page - Astec America, Inc

Part # ALQ07FM48N-8
Description  Technical Reference Notes
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07FM48N-8 Datasheet(HTML) 6 Page - Astec America, Inc

Back Button ALQ07FM48N-8 Datasheet HTML 2Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 3Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 4Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 5Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 6Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 7Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 8Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 9Page - Astec America, Inc ALQ07FM48N-8 Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage
to the device. These are absolute stress ratings only. Functional operation of the
device is not implied at these or any other conditions in excess of those given in the
operational sections of the IPS. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Parameter
Device
Symbol
Min
Typ.
Max
Unit
Continuous:
All
VI
0
-
80
Vdc
Input Voltage
Transient (100ms)
All
VI, trans
0
-
100
Vdc
Operating Ambient Temperature
All
Ta
-40
-
60
ºC
Storage Temperature
All
TSTG
-55
-
125
ºC
Operating Humidity
All
-
-
-
95
%
Basic Input-Output Isolation
(Conditions: 50
µA for 5 sec,
slew rate of 1500V/10sec)
All
-
-
-
1,500
Vdc
Output Power
All
Po,max
-
-
30
W


Similar Part No. - ALQ07FM48N-8

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ07FM48 ASTEC-ALQ07FM48 Datasheet
143Kb / 2P
   7 Amps
logo
Emerson Network Power
ALQ07FM48 EMERSON-NETWORKPOWER-ALQ07FM48 Datasheet
143Kb / 2P
   Dual output Quarter Brick
More results

Similar Description - ALQ07FM48N-8

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGQ300-48S1V2 EMERSON-NETWORKPOWER-AGQ300-48S1V2 Datasheet
339Kb / 18P
   AGQ300-48S1V2 DC/DC Converter Technical Reference Notes
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
Magnetrol International...
S21-1A1A-012 MAGNETROL-S21-1A1A-012 Datasheet
238Kb / 15P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC Datasheet
1Mb / 118P
   Technical Reference Manual
ARM920T ATMEL-ARM920T_14 Datasheet
2Mb / 350P
   Technical Reference Manual
logo
List of Unclassifed Man...
ARM940T ETC1-ARM940T Datasheet
2Mb / 230P
   TECHNICAL REFERENCE MANUAL
ARM926EJ-S ETC2-ARM926EJ-S Datasheet
1Mb / 236P
   Technical Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com