Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK45C048HS002 Datasheet(PDF) 3 Page - Astec America, Inc

Part # AK45C048HS002
Description  36 Vdc to 75 Vdc Inputs, 100 W
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AK45C048HS002 Datasheet(HTML) 3 Page - Astec America, Inc

  AK45C048HS002 Datasheet HTML 1Page - Astec America, Inc AK45C048HS002 Datasheet HTML 2Page - Astec America, Inc AK45C048HS002 Datasheet HTML 3Page - Astec America, Inc AK45C048HS002 Datasheet HTML 4Page - Astec America, Inc AK45C048HS002 Datasheet HTML 5Page - Astec America, Inc AK45C048HS002 Datasheet HTML 6Page - Astec America, Inc AK45C048HS002 Datasheet HTML 7Page - Astec America, Inc AK45C048HS002 Datasheet HTML 8Page - Astec America, Inc AK45C048HS002 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technical Reference Notes (TRN)
AK45C 100W Series
36 Vdc to 75 Vdc Inputs, 100 W
_____________________________________________________________
ASTEC POWER - Andover
3 of 17
Table 3. Output Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Setpoint
(VI = VI,min to VI,max : Io = Io,max;
TA = 25 ºC )
018FHX
025FHX
033FHX
050FHX
Vo,set
Vo,set
Vo,set
Vo,set
1.77
2.46
3.25
4.92
1.8
2.5
3.3
5.0
1.83
2.54
3.35
5.08
Vdc
Vdc
Vdc
Vdc
Output Regulation:
Line (VI = VI,min to VI,max)
Load(Io = Io,min to Io,max)
018FHX
025FHX
-
-
-
-
2
2
4
5
mV
mV
Line (VI = VI,min to VI,max)
Load(Io = Io,min to Io,max)
Temperature (Tc = -40 ºC to +100 ºC)
033FHX
050FHX
All
-
-
-
-
-
-
0.05
0.1
15
0.1
0.2
50
%Vo
%Vo
mV
Output Ripple and Noise
(Across 0.1uF ceramic and 10uF
tantalum capacitors) See Figure 11.
All
-
-
-
-
-
-
100
30
mVp-p
mVRMS
External Load Capacitance
All*
-
0
-
4700
uF
Output Current
018FHX
025FHX
033FHX
050FHX
Io
Io
Io
Io
0
0
0
0
-
-
-
-
20
20
20
20
A
A
A
A
Output Current-limit Inception
(Vo = 90% Vo,set)
018FHX
025FHX
033FHX
050FHX
Io
Io
Io
Io
-
-
-
-
-
-
-
-
30
30
30
30
A
A
A
A
Output Short-circuit Current
(Vo = 250mV)
All
-
-
-
190
%Io,max
Efficiency
(VI = VI,nom ; Io = Io,max; TC = 70ºC)
018FHX
025FHX
033FHX
050FHX
Io
Io
Io
Io
80
82
84
84
82
84
86
86
-
-
-
-
%
%
%
%
Switching Frequency
018FX
025FX
033FX
050FX
f
f
f
f
-
-
-
-
310
310
380
310
-
-
-
-
kHz
kHz
kHz
kHz
Dynamic Response:
(
? Io/? t = 1A/10us; VI = VI,nom ;
TA = 25 ºC )
Load Change from Io = 50% to
75% of Io, max:
Peak Deviation
Settling Time
Load Change from Io = 50% to
25% of Io, max:
Peak Deviation
Settling Time
All
All
-
-
-
-
-
-
-
-
-
-
-
-
4
400
4
400
%Vo
usec
%Vo
usec
Turn-on Time
(Io = Io,max; Vo within 1%)
All
-
-
2
5
msec
Output Voltage Overshoot
(Io = Io,max; TA = 25 ºC)
All
-
-
-
5
%Vo


Similar Part No. - AK45C048HS002

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AK45C-048L-018F20HAN-68 ASTEC-AK45C-048L-018F20HAN-68 Datasheet
91Kb / 2P
   100 Watts
AK45C-048L-025F20HAN-68 ASTEC-AK45C-048L-025F20HAN-68 Datasheet
91Kb / 2P
   100 Watts
AK45C-048L-033F20HAN-68 ASTEC-AK45C-048L-033F20HAN-68 Datasheet
91Kb / 2P
   100 Watts
AK45C-048L-033F20HAN-6T ASTEC-AK45C-048L-033F20HAN-6T Datasheet
91Kb / 2P
   100 Watts
AK45C-20 ASTEC-AK45C-20 Datasheet
91Kb / 2P
   100 Watts
More results

Similar Description - AK45C048HS002

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com