Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ15GM48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALQ15GM48
Description  Industry StandardBrick: 36V-75V Input / 60W Output Power
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ15GM48 Datasheet(HTML) 1 Page - Astec America, Inc

  ALQ15GM48 Datasheet HTML 1Page - Astec America, Inc ALQ15GM48 Datasheet HTML 2Page - Astec America, Inc ALQ15GM48 Datasheet HTML 3Page - Astec America, Inc ALQ15GM48 Datasheet HTML 4Page - Astec America, Inc ALQ15GM48 Datasheet HTML 5Page - Astec America, Inc ALQ15GM48 Datasheet HTML 6Page - Astec America, Inc ALQ15GM48 Datasheet HTML 7Page - Astec America, Inc ALQ15GM48 Datasheet HTML 8Page - Astec America, Inc ALQ15GM48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Technical Reference Notes
ALQ15XX48X Series
(Open Frame Dual Output Quarter Brick)
MODEL: ALQ15 SERIES
SHEET 1 OF 19
MARCH 4, 2004 - REVISION 01
ALQ15 Dual Output Open-Frame DC-DC Converter Module
Industry Standard ¼ Brick: 36V-75V Input / 60W Output Power
The ALQ15 series is Astec's latest dual output; high-density converter offering that comes in an industry standard ¼ brick
open-frame package. With its independently controlled output rails, the module effectively minimizes cross regulation, which
has been an issue to most dual converters available in the market. The ALQ15 series has been designed to deliver 60W of
clean, well-regulated, low noise DC power for today's demanding loads at respectable efficiency levels: 3.3V-2.5V
combination @ 87.5% (60W output power). Output combinations currently available are 5.0V/3.3V - 3.3V/2.5V - 3.3V/1.8V -
2.5V/1.5V, with each output rail able to deliver 15A max (5V@12A). The module comes with standard feature sets such as
output enable with positive or negative options; output voltage-adjust; over current, over voltage and over temperature
protection. In addition, it is also being offered at both 5mm (std) and 3.7mm pin lengths.
Special Features
Tight Regulation
Low Ripple and Noise at < 30mVPK-PK
Industry Standard ¼ Brick Footprint
Positive and Negative Enable Options
Regulation to Zero Load
High Capacitive Load Start-up
Fixed Switching Frequency
Output Trim
Input Under-Voltage Lockout
Basic Insulation
Environmental Specifications
-40ºC to 85ºC Operating Temperature
-55ºC to 125ºC Storage Temperature
Designed for > 1 million hours MTBF
Electrical Parameters
Input
Input Range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
5.0V/3.3V @ 89.5% (Typ at 60W)
3.3V/2.5V @ 87.7%
3.3V/1.8V @ 86.5%
2.5V/1.5V @ 84.0%
Control
Enable
TTL compatible
(Positive and Negative Enable Options)
Output
Load Current
15A max per channel (60W max)
5V @ 12A max
Line/Load Regulation < 1% VO (Typ)
Ripple and Noise
30mVPK-PK
Output Voltage
Adjust Range
±10% Vo
Transient Response
3% VO deviation max (3.3V)
50% to 75% Load Change
220
µsec typical settling time
(for 3.3V)
Over Current
Protection
130% IO,max typical
Safety
UL + cUL 60950, Recognized
EN60950 through TUV-PS
CB Report


Similar Part No. - ALQ15GM48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15GM48 ASTEC-ALQ15GM48 Datasheet
408Kb / 2P
   60 Watts
ALQ15GM48 ASTEC-ALQ15GM48 Datasheet
408Kb / 2P
   60 Watts Dual Output Converter
logo
Emerson Network Power
ALQ15GM48 EMERSON-NETWORKPOWER-ALQ15GM48 Datasheet
408Kb / 2P
   High Efficiency
logo
Astec America, Inc
ALQ15GM48 ASTEC-ALQ15GM48 Datasheet
408Kb / 2P
   Regulation to zero load
ALQ15GM48-6 ASTEC-ALQ15GM48-6 Datasheet
408Kb / 2P
   60 Watts Dual Output Converter
More results

Similar Description - ALQ15GM48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com