Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ25A48N-7 Datasheet(PDF) 3 Page - Astec America, Inc

Part # ALQ25A48N-7
Description  Single Output Open-Frame DC-DC Converter Module Industry StandardBrick: 36V-75V Input / 5V Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25A48N-7 Datasheet(HTML) 3 Page - Astec America, Inc

  ALQ25A48N-7 Datasheet HTML 1Page - Astec America, Inc ALQ25A48N-7 Datasheet HTML 2Page - Astec America, Inc ALQ25A48N-7 Datasheet HTML 3Page - Astec America, Inc ALQ25A48N-7 Datasheet HTML 4Page - Astec America, Inc ALQ25A48N-7 Datasheet HTML 5Page - Astec America, Inc ALQ25A48N-7 Datasheet HTML 6Page - Astec America, Inc ALQ25A48N-7 Datasheet HTML 7Page - Astec America, Inc ALQ25A48N-7 Datasheet HTML 8Page - Astec America, Inc ALQ25A48N-7 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Technical Reference Notes
ALQ25 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ25 SERIES
SHEET 3 OF 15
Dec 1, 2003 - REVISION B
Electrical Specifications
STANDARD TEST CONDITION on a single module unless otherwise specified.
TA
25
°C (Ambient Air)
Airflow
See derating curve
-VIN
PIN 1
48V
± 2V
ENABLE
PIN 2
Dependent on model series
+VIN
PIN 3
Return pin for +VIN
-VOUT
PIN 4
Connected to Load (return)
-Sense
PIN 5
Connected to -VOUT
Trim
PIN 6
Open
+Sense
PIN 7
Connected to +VOUT
+Vout
PIN 8
Connected to Load
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the converter. Functional
operation of the device is converter is not implied at these or any other conditions in excess of those given in the
operational section of the specs. Exposure to absolute maximum ratings for extended period can adversely affect
device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
1
Continuous
Transient (100ms)
All
All
VIN
VI N, trans
0
0
-
-
80
100
Vdc
Vdc
Isolation Voltage
Input to Output
All
-
-
1500
Vdc
Operating Ambient Temperature
(200LFM)
All
TA
-40
-
+85
ºC
Storage Temperature
All
TSTG
-40
-
120
ºC
Operating Humidity
All
-
-
-
85
%
Max Output Power
A (5.0V)
PO
-
-
125
W


Similar Part No. - ALQ25A48N-7

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25A48 ASTEC-ALQ25A48 Datasheet
97Kb / 2P
   40 Amps
logo
Emerson Network Power
ALQ25A48 EMERSON-NETWORKPOWER-ALQ25A48 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
More results

Similar Description - ALQ25A48N-7

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Wall Industries,Inc.
POL06-05T WALL-POL06-05T_18 Datasheet
359Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
POL06-12T WALL-POL06-12T_18 Datasheet
426Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com