Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AED18M48N-6S Datasheet(PDF) 4 Page - Astec America, Inc

Part # AED18M48N-6S
Description  Single Output 16th Brick: 60Watts
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AED18M48N-6S Datasheet(HTML) 4 Page - Astec America, Inc

  AED18M48N-6S Datasheet HTML 1Page - Astec America, Inc AED18M48N-6S Datasheet HTML 2Page - Astec America, Inc AED18M48N-6S Datasheet HTML 3Page - Astec America, Inc AED18M48N-6S Datasheet HTML 4Page - Astec America, Inc AED18M48N-6S Datasheet HTML 5Page - Astec America, Inc AED18M48N-6S Datasheet HTML 6Page - Astec America, Inc AED18M48N-6S Datasheet HTML 7Page - Astec America, Inc AED18M48N-6S Datasheet HTML 8Page - Astec America, Inc AED18M48N-6S Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 4 OF 20
AUGUST 17, 2005 – REVISION C
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Turn-On Response Time
4
VIN = VIN-MIN to VIN-MAX
All
-
-
2
5
ms
Enable to Output Turn-ON Delay
VIN = VIN-MIN to VIN-MAX
IO = IO,MIN to IO,MAX
All
-
-
-
10
ms
+VIN to Output Turn-On Delay
Enable Pin: Active
VIN = VIN-MIN to VIN-MAX
IO = IO,MIN to IO,MAX
All
-
-
-
10
ms
Switching Frequency
All
2V5, 5V0
-
560
650
625
725
690
800
KHz
Dynamic Response:
CO = use Figure 2 test setup
Peak Deviation for Load Step
Change from
IO = 50% to 75% of IO, Max :
Settling Time to within 1% of
output set point voltage – VO,SET:
Peak Deviation for Load Step
Change from
IO = 50% to 25% of IO, Max :
Settling Time to within 1% of
output set point voltage – VO,SET:
∆I
O/∆t
All
All
All
All
-
-
-
-
-
-
-
-
-
-
0.1
3
80
3
80
-
6
200
6
200
A/
µs
% Vo
µs
% Vo
µs
Output Overshoot at Turn-on
Passive Resistive Full Load
Vo
≤ 1V8
Vo > 1V8
-
-
-
-
0
0
5
4
%Vo
Output Enable ON/OFF
Enable Signal Slew Rate
Negative Enable ("N" suffix)
Enable Pin Voltage: Mod-ON
Mod-OFF
All
N suffix
-
-
-
0.01
-0.5
2.95
-
-
-
-
1.2
20
V/ms
V
V
Positive Enable (No suffix)
Enable Pin voltage: Mod-ON
Mod-OFF
No suffix
-
-
2.95
-0.5
-
-
20
1.2
V
Output Voltage Remote Sensing
All
-
-
-
10
%VO
Output Voltage Trim Range
5
All
90
110
%VO
NOTES: 1. The converter is not internally fused; an external fuse must be used.
2. Refer to Figure 1 for the input reflected ripple test setup.
3. Refer to Figure 2 for the Output Ripple and Noise Test Measurement Setup.
4. Measure output rise time from 10%VO to 90%VO.
5. Refer to the output trim equations provided (Equations 1 and 2).


Similar Part No. - AED18M48N-6S

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AED1000RE OHMITE-AED1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
logo
XP Power Limited
AED100US12 XPPOWER-AED100US12 Datasheet
170Kb / 2P
   AC-DC Power Supplies
AED100US15 XPPOWER-AED100US15 Datasheet
170Kb / 2P
   AC-DC Power Supplies
AED100US18 XPPOWER-AED100US18 Datasheet
170Kb / 2P
   AC-DC Power Supplies
AED100US19 XPPOWER-AED100US19 Datasheet
170Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - AED18M48N-6S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
logo
Qualtek Electronics Cor...
QPD-60 QUALTEK-QPD-60 Datasheet
577Kb / 2P
   60Watts Single Output
QPD-60-5 QUALTEK-QPD-60-5 Datasheet
1Mb / 2P
   60Watts Single Output
QPS-60 QUALTEK-QPS-60 Datasheet
563Kb / 2P
   60Watts Single Output
logo
Bel Fuse Inc.
XRSB-80T03X BEL-XRSB-80T03X Datasheet
1Mb / 15P
   3.3 VDC / 25 A Output / 16th Brick Converter
logo
Emerson Network Power
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
   1/16th Brick IBC Series
logo
Delta Electronics, Inc.
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com