Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK45C048HS003N-8 Datasheet(PDF) 10 Page - Astec America, Inc

Part # AK45C048HS003N-8
Description  36 Vdc to 75 Vdc Inputs, 100 W
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AK45C048HS003N-8 Datasheet(HTML) 10 Page - Astec America, Inc

Back Button AK45C048HS003N-8 Datasheet HTML 6Page - Astec America, Inc AK45C048HS003N-8 Datasheet HTML 7Page - Astec America, Inc AK45C048HS003N-8 Datasheet HTML 8Page - Astec America, Inc AK45C048HS003N-8 Datasheet HTML 9Page - Astec America, Inc AK45C048HS003N-8 Datasheet HTML 10Page - Astec America, Inc AK45C048HS003N-8 Datasheet HTML 11Page - Astec America, Inc AK45C048HS003N-8 Datasheet HTML 12Page - Astec America, Inc AK45C048HS003N-8 Datasheet HTML 13Page - Astec America, Inc AK45C048HS003N-8 Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technical Reference Notes (TRN)
AK45C 100W Series
36 Vdc to 75 Vdc Inputs, 100 W
_____________________________________________________________
ASTEC POWER - Andover
10 of 17
Test Configurations
Note: Measure input reflected-ripple current with a simulated source inductance (Ltest) of 12 uH. Capacitor
Cs offsets possible battery impedance. Measure current as shown above.
Figure 10. Input Reflected-ripple Test Setup.
Note: Use a 0.1 uF ceramic capacitor and a 10 uF tantalum capacitor. Scope measurement should be made
using a BNC socket. Position the load between 51 mm and 76 mm (2 in. and 3 in.) from module.
Figure 11. Peak-to-Peak Output Noise Measurement Test Setup.
BATTERY
Cs 220 uF
ESR < 0.1 OHM
@ 20 ºC, 100 kHz
Ltest
12 uH
33 uF
ESR < 0.7 OHM
@ 20 ºC, 100 kHz
Vi(+)
Vi(-)
TO OSCILLOSCOPE
Vo(+)
Vo(-)
RESISTIVE
LOAD
10 uF
0.1 uF
SCOPE
COPPER STRIP


Similar Part No. - AK45C048HS003N-8

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AK45C-048L-018F20HAN-68 ASTEC-AK45C-048L-018F20HAN-68 Datasheet
91Kb / 2P
   100 Watts
AK45C-048L-025F20HAN-68 ASTEC-AK45C-048L-025F20HAN-68 Datasheet
91Kb / 2P
   100 Watts
AK45C-048L-033F20HAN-68 ASTEC-AK45C-048L-033F20HAN-68 Datasheet
91Kb / 2P
   100 Watts
AK45C-048L-033F20HAN-6T ASTEC-AK45C-048L-033F20HAN-6T Datasheet
91Kb / 2P
   100 Watts
AK45C-20 ASTEC-AK45C-20 Datasheet
91Kb / 2P
   100 Watts
More results

Similar Description - AK45C048HS003N-8

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com