Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT0528291 Datasheet(PDF) 2 Page - AMETHERM Circuit Protection Thermistors

Part # NT0528291
Description  Circuit Protection Thermistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

NT0528291 Datasheet(HTML) 2 Page - AMETHERM Circuit Protection Thermistors

  NT0528291 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors NT0528291 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: NT05 28291
Resistance Temperature Curve:
Temperature
R@T/R@25
°C
-50
66.97
-45
47.25
-40
33.74
-35
24.37
-30
17.80
-25
13.13
-20
9.776
-15
7.348
-10
5.570
-5
4.257
0
3.279
5
2.550
10
1.998
15
1.576
20
1.252
25
1.000
30
0.8038
35
0.6499
40
0.5282
45
0.4316
50
0.3545
55
0.2949
60
0.2465
65
0.2070
70
0.1747
75
0.1481
80
0.1261
85
0.1077
90
0.09243
95
0.07961
100
0.06881
105
0.05977
110
0.05210
115
0.04560
120
0.04005
125
0.03529
130
0.03119
135
0.02766
140
0.02460
145
0.02194
150
0.01963


Similar Part No. - NT0528291

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
NT0520052 AMETHERM-NT0520052 Datasheet
77Kb / 2P
   Circuit Protection Thermistors
NT0520169 AMETHERM-NT0520169 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0520291 AMETHERM-NT0520291 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0520311 AMETHERM-NT0520311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0522311 AMETHERM-NT0522311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
More results

Similar Description - NT0528291

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS1215102 AMETHERM-MS1215102 Datasheet
35Kb / 1P
   Circuit Protection Thermistors
SL321R036 AMETHERM-SL321R036 Datasheet
159Kb / 1P
   Circuit Protection Thermistors
SL2210007 AMETHERM-SL2210007 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL2210009-17 AMETHERM-SL2210009-17 Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL2212102 AMETHERM-SL2212102 Datasheet
31Kb / 1P
   Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
NT0510052 AMETHERM-NT0510052 Datasheet
73Kb / 1P
   Circuit Protection Thermistors
NT0515311 AMETHERM-NT0515311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0520052 AMETHERM-NT0520052 Datasheet
77Kb / 2P
   Circuit Protection Thermistors
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
MS1115101 AMETHERM-MS1115101 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com