Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM5HG-24 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # QM5HG-24
Description  MEDIUM POWER SWITCHING USE NON-INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM5HG-24 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  QM5HG-24 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM5HG-24 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM5HG-24 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feb.1999
Test conditions
VCE=1200V, VEB=2V
VCB=1200V, Emitter open
VEB=7V
IC=3A, IB=0.6A
IC=3A, VCE=1V
VCC=600V, IC=3A, IB1=0.6A, –IB2=1.2A
Transistor part
Diode part
Conductive grease applied
Min.
5
Symbol
ICEX
ICBO
IEBO
VCE (sat)
VBE (sat)
hFE
ton
ts
tf
Rth (j-c) Q
Rth (j-c) R
Rth (c-f)
Conditions
VEB=2V
Emitter open
Collector open
DC
TC=25
°C
DC
Mounting screw M3
Typical value
ABSOLUTE MAXIMUM RATINGS (Tj=25
°C, unless otherwise noted)
Symbol
VCEX
VCBO
VEBO
IC
PC
IB
Tj
Tstg
Parameter
Collector-emitter voltage
Collector-base voltage
Emitter-base voltage
Collector current
Collector dissipation
Base current
Junction temperature
Storage temperature
Mounting torque
Weight
Ratings
1200
1200
7
5.0
100
2
–40~+150
–40~+125
0.59~0.98
6~10
5
Unit
V
V
V
A
W
A
°C
°C
N·m
kg·cm
g
MITSUBISHI TRANSISTOR MODULES
QM5HG-24
MEDIUM POWER SWITCHING USE
NON-INSULATED TYPE
ELECTRICAL CHARACTERISTICS (Tj=25
°C, unless otherwise noted)
Unit
mA
mA
mA
V
V
µs
µs
µs
°C/W
°C/W
°C/W
Limits
Parameter
Collector cutoff current
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Base-emitter saturation voltage
DC current gain
Switching time
Thermal resistance
(junction to case)
Contact thermal resistance
(case to fin)
Typ.
Max.
1.0
1.0
50
1.0
1.5
1.0
4.0
0.8
1.25
0.5


Similar Part No. - QM5HG-24

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
QM5HG-24 ISC-QM5HG-24 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - QM5HG-24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com