Electronic Components Datasheet Search |
|
HMC631LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation |
|
HMC631LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation |
4 / 8 page 11 11 - 53 For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Absolute Maximum Ratings RF Input (Vcc = +8V) 27 dBm Supply Voltage (Vcc) +10V I & Q Input -0.5V to +5V Junction Temperature (Tc) 135 °C Continuous Pdiss (T = 85°C) (Derate 34 mW/°C above 85°C) 1.7 W Thermal Resistance (R th) (junction to ground paddle) 29.6 °C/W Storage Temperature -65 to +150 °C Operating Temperature -40 to +85 °C Typical Supply Current vs. Vcc Note: Modulator will operate over full voltage range shown above. Vcc (V) Icc (mA) 7.6 88 8.0 93 8.4 99 Outline Drawing ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS Part Number Package Body Material Lead Finish MSL Rating Package Marking [3] HMC631LP3 Low Stress Injection Molded Plastic Sn/Pb Solder MSL1 [1] 631 XXXX HMC631LP3E RoHS-compliant Low Stress Injection Molded Plastic 100% matte Sn MSL1 [2] 631 XXXX [1] Max peak reflow temperature of 235 °C [2] Max peak reflow temperature of 260 °C [3] 4-Digit lot number XXXX Package Information NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE 4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM. PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM. 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED PCB LAND PATTERN. HMC631LP3 / 631LP3E v00.1007 GaAs HBT VECTOR MODULATOR 1.8 - 2.7 MHz |
Similar Part No. - HMC631LP3 |
|
Similar Description - HMC631LP3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |