Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ25B50 Datasheet(PDF) 3 Page - Astec America, Inc

Part # ALQ25B50
Description  Industry StandardBrick: 300W DC Transformer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25B50 Datasheet(HTML) 3 Page - Astec America, Inc

  ALQ25B50_03 Datasheet HTML 1Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 2Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 3Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 4Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 5Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 6Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 7Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 8Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Technical Reference Notes
ALQ25B50 Bus Converter
DC Transformer
MODEL: ALQ25B50 SERIES
SHEET 3 OF 11
SEPTEMBER 11, 2003 - REVISION A (PRELIMINARY)
Electrical Specifications
STANDARD TEST CONDITION on a single module unless otherwise specified.
TA
25
°C (Ambient Air)
Airflow
400LFM
+VIN
PIN 1
Connected to +Input
Enable
PIN 2
Dependent on model series
-VIN
PIN 3
Connected to -Input
-VOUT
PIN 4
Connected to Load return
+ Vout
PIN 5
Connected to Load
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the converter. Functional
operation of the device is converter is not implied at these or any other conditions in excess of those given in the
operational section of the specs. Exposure to absolute maximum ratings for extended period can adversely affect
device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
1
Continuous
Transient (100ms)
All
All
VIN
VI N, trans
42
-
-
-
56
60
Vdc
Vdc
Isolation Voltage
Input to Output
All
-
-
2000
Vdc
Operating Ambient Temperature
All
TA
-40
-
85
ºC
Storage Temperature
All
TSTG
-55
-
125
ºC
Operating Humidity
All
-
-
-
85
%
Maximum Enable Voltage
All
5.5
Vdc
Max Output Power
2
All
PO
-
-
300
W
Note:
1. The module is not internally fused. Type 3AB Littlefuse rated at 10A, 250V or equivalent is
recommended.
2. Output Derating applies. See Figure 9.


Similar Part No. - ALQ25B50_03

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25B50-6 ASTEC-ALQ25B50-6 Datasheet
106Kb / 2P
   300 Watts
ALQ25B50N ASTEC-ALQ25B50N Datasheet
106Kb / 2P
   300 Watts
ALQ25B50N-6 ASTEC-ALQ25B50N-6 Datasheet
106Kb / 2P
   300 Watts
ALQ25B50N-AL ASTEC-ALQ25B50N-AL Datasheet
106Kb / 2P
   300 Watts
More results

Similar Description - ALQ25B50_03

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
Power-One
VWS250YH POWER-ONE-VWS250YH Datasheet
542Kb / 3P
   300W Standard Full Brick
logo
Astec America, Inc
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
   Industry standard Eighth-brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com