Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ40F48 Datasheet(PDF) 6 Page - Astec America, Inc

Part # ALQ40F48
Description  Industry StandardBrick: 36V-75V Input / 50A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40F48 Datasheet(HTML) 6 Page - Astec America, Inc

Back Button ALQ40F48 Datasheet HTML 2Page - Astec America, Inc ALQ40F48 Datasheet HTML 3Page - Astec America, Inc ALQ40F48 Datasheet HTML 4Page - Astec America, Inc ALQ40F48 Datasheet HTML 5Page - Astec America, Inc ALQ40F48 Datasheet HTML 6Page - Astec America, Inc ALQ40F48 Datasheet HTML 7Page - Astec America, Inc ALQ40F48 Datasheet HTML 8Page - Astec America, Inc ALQ40F48 Datasheet HTML 9Page - Astec America, Inc ALQ40F48 Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Technical Reference Notes
ALQ40/50 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ50 SERIES
SHEET 6 OF 16
APRIL 21, 2003 - REVISION A (PRELIMINARY)
Electrical Specifications (continued)
FEATURE SPECIFICATION
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Enable ON/OFF
10
Negative Enable ("N" suffix)
Enable Pin voltage for Module ON
Module OFF
N
suffix
-
-
0
2.95
-
-
1.2
20.0
V
V
Positive Enable (No suffix)
Enable Pin voltage for Module ON
Module OFF
No
suffix
-
-
2.95
0
-
-
20.0
1.2
V
Output Voltage Remote Sensing
11,13
All
-
-
-
10
%VO
Output Voltage Trim Range
12,13
All
90
110
%VO
Note:
10. See Appendix A.3 for the recommended/ appropriate Module Enable configuration.
11. The sense pins can be used to compensate for any voltage drops (per indicated max limits) that may
occur along the connection between the output pins to the load. Pin 7 (+Sense) and Pin 5
(-Sense) should be connected to Pin 8 (+Vout) and Pin 4 (Return) respectively at the point where
regulation is desired.
12. Refer to Equation (1) and (2) and Figures 3 and 4 for the Output Trim Adjust configuration.
13. The combination of remote sense and Trim adjust cannot exceed 110% of VO, NOM.
ISOLATION SPECIFICATION
Parameter
Device
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
All
-
-
2.70
-
nF
Isolation Resistance
All
-
10
-
-
M
SAFETY APPROVAL
The ALQ50 series have been certified through:
UL + cUL 60950, Third Edition - Recognized (PENDING)
EN 60950 through TUV-PS (PENDING)\
Basic Insulation


Similar Part No. - ALQ40F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ40F48 ASTEC-ALQ40F48 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick, 50 Amps
logo
Emerson Network Power
ALQ40F48 EMERSON-NETWORKPOWER-ALQ40F48 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
logo
Astec America, Inc
ALQ40F48N ASTEC-ALQ40F48N Datasheet
275Kb / 2P
   High Efficiency Quarter Brick, 50 Amps
logo
Emerson Network Power
ALQ40F48N EMERSON-NETWORKPOWER-ALQ40F48N Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
More results

Similar Description - ALQ40F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com