Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA18T12 Datasheet(PDF) 5 Page - Astec America, Inc

Part # APA18T12
Description  12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APA18T12 Datasheet(HTML) 5 Page - Astec America, Inc

  APA18T12 Datasheet HTML 1Page - Astec America, Inc APA18T12 Datasheet HTML 2Page - Astec America, Inc APA18T12 Datasheet HTML 3Page - Astec America, Inc APA18T12 Datasheet HTML 4Page - Astec America, Inc APA18T12 Datasheet HTML 5Page - Astec America, Inc APA18T12 Datasheet HTML 6Page - Astec America, Inc APA18T12 Datasheet HTML 7Page - Astec America, Inc APA18T12 Datasheet HTML 8Page - Astec America, Inc APA18T12 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Model: APA18T12 Series
Date: June 2004
SH 5 OF 17
Technical Reference Note
APA18T12 DC - DC Series
Preliminary
OUTPUT SPECIFICATIONS
Parameter
Device
Symb
Min
Typ
Max
Unit
Output Voltage Set point
VIN = VIN, MIN to VIN,MAX;
IO =IO,Max
VO,SET
0.74
0.75
0.76
Vdc
Output Regulation
Line: VIN = VIN, min to VIN, max
Load: IO = IO, min to IO, max
Temp: TA = -40 ºC to +85ºC
All
0.75V
0.75<Vo<3.3V
3.3V
≤Vo
All
-
-
-
-
-
-
-
-
-
-
-
-
0.5
7.0
15.0
25.0
1.0
%
mV
mV
mV
%
Ripple and Noise2
Peak-to-Peak: (5Hz to 20MHz)
0.75
≤Vo<5.0V
5V
≤Vo
-
-
-
-
45
55
60
75
mVp-p
mVp-p
Output Current and output
power3
0.75
≤Vo<4.16V
4.16V
≤Vo
Io
Po
0
0
-
-
18
75
A
W
External Load Capacitance
Capacitor ESR
All
-
-
10
-
-
5000
-
µF
m
Output Current-limit Inception
VOUT = 90% VO,SET
4,9,10
1.5V
≤Vo
IO
18.5
-
-
A
Over Temperature Range6
(AVG. PCB TEMP)
All
-
100
110
125
°C
Efficiency
VIN = VIN-NOM
IO = IO,MAX ; TA=25°C
0.75V
1.20V
1.50V
1.80V
2.50V
3.30V
5.00V
η
η
η
η
η
η
η
73.6
81.0
83.8
85.5
88.0
90.3
92.6
74.8
82.0
84.5
86.5
89.0
92.4
93.5
%
%
%
%
%
%
%
Turn-On Response Time5
VIN = VIN-MIN to VIN-MAX
All
-
2.0
-
6.0
ms
Enable to Output Turn-ON Delay
VIN = VIN-MIN to VIN-MAX
IO = IO,MIN to IO,MAX
All
-
-
-
20.0
ms
+VIN to Output Turn-On Delay
Enable Pin: Active
VIN = VIN-MIN to VIN-MAX
IO = IO,MIN to IO,MAX
All
-
-
-
20.0
ms
Switching Frequency
All
-
270
300
330
KHz
Output Overshoot
at T-on / T-off
Passive Resistive Full Load
All
-
-
-
5
%Vo


Similar Part No. - APA18T12

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APA18T12-9 ASTEC-APA18T12-9 Datasheet
250Kb / 2P
   75 Watts
APA18T12-9H ASTEC-APA18T12-9H Datasheet
250Kb / 2P
   75 Watts
More results

Similar Description - APA18T12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
   Non-isolated DC/DC POL converter
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Murata Manufacturing Co...
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
   Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
logo
Bellnix Co.,Ltd.
BSV-H BELLNIX-BSV-H Datasheet
553Kb / 14P
   High-Speed Response Non-Isolated POL DC-DC Converter
BSV BELLNIX-BSV Datasheet
585Kb / 12P
   High-Speed Response Non-Isolated POL DC-DC Converter
BSV-M BELLNIX-BSV-M Datasheet
678Kb / 13P
   High-Speed Response Non-Isolated POL DC-DC Converter
logo
Astec America, Inc
APA18T04 ASTEC-APA18T04_05 Datasheet
707Kb / 17P
   3.0-5.5Vin, 18A, Non-isolated DC - DC SIP Converter
logo
SynQor Worldwide Headqu...
NQ03009VMA15NRS SYNQOR-NQ03009VMA15NRS Datasheet
1Mb / 17P
   15A Non-Isolated DC/DC Converter in SIP configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com