Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC12M03 Datasheet(PDF) 11 Page - Astec America, Inc

Part # APC12M03
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12M03 Datasheet(HTML) 11 Page - Astec America, Inc

Back Button APC12M03 Datasheet HTML 7Page - Astec America, Inc APC12M03 Datasheet HTML 8Page - Astec America, Inc APC12M03 Datasheet HTML 9Page - Astec America, Inc APC12M03 Datasheet HTML 10Page - Astec America, Inc APC12M03 Datasheet HTML 11Page - Astec America, Inc APC12M03 Datasheet HTML 12Page - Astec America, Inc APC12M03 Datasheet HTML 13Page - Astec America, Inc APC12M03 Datasheet HTML 14Page - Astec America, Inc APC12M03 Datasheet HTML 15Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 11 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Trim Function (continued)
Method 2: External DC Source
By connecting an external DC supply across P4 (Enable) and P3 (GND) through a limiting resistor Rt, (see Figure 5), output
voltage adjustment can also be achieved. Equation 3 provides the relationship between the External DC supply, Vt, and Vo
(where Vo is the desired output voltage).
Given: Rt = 10k
Vo Adjustment to Lower Voltages. This method does not limit the recommended lower Vo adjustment to 2% as mentioned
on previous sections re: Vo adjustment through external trim resistor.
Example:
Module version: APC08G03-9 (3V to 6Vin, 2.5Vo).
Requiring to adjust the output voltage from Vo = 2.5V to 1.8V
Vo = 1.8V, Vref = 0.87V, R1 = 3.09k
Ω, R2 = 1.69kΩ (from Table 1). Based on Equation (3), Vt = 3.0V.
Example:
Module version: APC08G03-9 (3V to 6Vin, 2.5Vo).
Requiring to adjust the output voltage from Vo = 2.5V to 0.9V
Vo = 0.9V, Vref = 0.87V, R1 = 3.09k
Ω, R2 = 1.69kΩ (from Table 1). Based on Equation (3), Vt = 5.9V.
Vo Adjustment to Higher Voltages
Example:
Module version: APC08G03-9 (3V to 6Vin, 2.5Vo).
Requiring to adjust the output voltage from Vo = 2.5V to 3.3V
Vo = 3.3V, Vref = 0.87V, R1 = 3.09k
Ω, R2 = 1.69kΩ (from Table 1). Based on Equation (3), Vt = -1.84V.
If application of negative voltage is not desired, the limiting resistor Rt can either be changed to a lower value (Rt = 1k
Ω, such
that Vt = 0.60V per Equation 3), or use Method 1.
Vo
R
Rt
Vref
R
Rt
R
Rt
Vt
1
2
1
1
+
+
=
Equation (3)
Figure 5. External DC source for output trim adjust.


Similar Part No. - APC12M03

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12M03 ASTEC-APC12M03 Datasheet
183Kb / 2P
   40 Watts
More results

Similar Description - APC12M03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com