Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH22T033-9S Datasheet(PDF) 10 Page - Astec America, Inc

Part # ATH22T033-9S
Description  22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH22T033-9S Datasheet(HTML) 10 Page - Astec America, Inc

Back Button ATH22T033-9S Datasheet HTML 6Page - Astec America, Inc ATH22T033-9S Datasheet HTML 7Page - Astec America, Inc ATH22T033-9S Datasheet HTML 8Page - Astec America, Inc ATH22T033-9S Datasheet HTML 9Page - Astec America, Inc ATH22T033-9S Datasheet HTML 10Page - Astec America, Inc ATH22T033-9S Datasheet HTML 11Page - Astec America, Inc ATH22T033-9S Datasheet HTML 12Page - Astec America, Inc ATH22T033-9S Datasheet HTML 13Page - Astec America, Inc ATH22T033-9S Datasheet HTML 14Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Notes
ATH Series of Wide-Output Adjust Power
Modules (3.3/5-V Input)
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Figure 3-5; Simultaneous Power Up with Auto-Track Control
PTH05010W
1
10
4
5
6
2
3
98
Track
V
IN
V
O
GND
Inhibit
PTH05020W
1
10
4
5
6
2
3
98
Track
V
IN
V
O
GND
Inhibit
7
C
OUT
C
OUT
C
IN
C
IN
Vo
2 =2V
Vo
1 =3.3V
U1
U2
+5V
0V
On/Off Control
1 = Power Down
0 = Power Up
Q1
BSS138
C1
0.047µF
R1
100k
R
2
698
R
3
4k12
7
Figure 3-4; Sequenced Power Up & Power Down Using Auto-Track
Figure 3-6; Simultaneous Power Down with Auto-Track Control
Vo1 (1V/Div)
Vo2 (1V/Div)
On/Off Input
(5V/Div)
HORIZ SCALE: 5ms/Div
Vo1 (1V/Div)
Vo2 (1V/Div)
On/Off Control
(5V/Div)
HORIZ SCALE: 5ms/Div
ATH22T05-9SJ
ATH15T05-9SJ


Similar Part No. - ATH22T033-9S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH22T033-9S ASTEC-ATH22T033-9S Datasheet
581Kb / 2P
   22Amps
ATH22T033-9SJ ASTEC-ATH22T033-9SJ Datasheet
581Kb / 2P
   22Amps
More results

Similar Description - ATH22T033-9S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
[Old version datasheet]   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
[Old version datasheet]   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
[Old version datasheet]   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T033 ASTEC-ATH15T033 Datasheet
402Kb / 14P
   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
[Old version datasheet]   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com