Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC12Y03-9J Datasheet(PDF) 2 Page - Astec America, Inc

Part # APC12Y03-9J
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12Y03-9J Datasheet(HTML) 2 Page - Astec America, Inc

  APC12Y03-9J Datasheet HTML 1Page - Astec America, Inc APC12Y03-9J Datasheet HTML 2Page - Astec America, Inc APC12Y03-9J Datasheet HTML 3Page - Astec America, Inc APC12Y03-9J Datasheet HTML 4Page - Astec America, Inc APC12Y03-9J Datasheet HTML 5Page - Astec America, Inc APC12Y03-9J Datasheet HTML 6Page - Astec America, Inc APC12Y03-9J Datasheet HTML 7Page - Astec America, Inc APC12Y03-9J Datasheet HTML 8Page - Astec America, Inc APC12Y03-9J Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 2 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
APC12 Centauri II SERIES
THIS SPECIFICATION COVERS THE REQUIREMENTS
For A New 1.3" X 0.63" X 0.38”(H), 12A Single Output High Efficiency Non-Isolated SMT DC-DC Converter
MODEL NAME
Vin nominal/
Vin range
Vout/Iout
APC12J03
Base Model
3.3V / 1.8-6.0V
0.9V, 12A
APC12J03-91
With output trim
3.3V / 1.8-6.0V
0.9V, 12A
APC12K03
Base Model
3.3V / 1.8-6.0V
1.2V, 12A
APC12M03
Base Model
3.3V / 1.8-6.0V
1.5V, 12A
APC12Y03
Base Model
3.3V / 2.2-6.0V
1.8V, 12A
APC12G03
Base Model
3.3V / 3.0-6.0V
2.5V, 12A
APC12F03
Base Model
5.0V / 4.2-6.0V
3.3V, 12A
APC12J08
Base Model
8V / 5.6-13.0V
0.9V, 12A
APC12J08-91
With output trim
8V / 5.6-13.0V
0.9V, 12A
APC12K08
Base Model
8V / 5.6-13.0V
1.2V, 12A
APC12M08
Base Model
8V / 5.6-13.0V
1.5V, 12A
APC12Y08
Base Model
8V / 5.6-13.0V
1.8V, 12A
APC12G08
Base Model
8V / 5.6-13.0V
2.5V, 12A
APC12F08
Base Model
8V / 6.0-13.0V
3.3V, 12A
Notes: 1. “J” (0.9V) version has a stand alone Output Trim Option (suffix “-9”)
2. Options (suffix):
"-9MA" = Trim with Power Good and Active Current Share
"-J"
= Tray packaging


Similar Part No. - APC12Y03-9J

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12Y03 ASTEC-APC12Y03 Datasheet
183Kb / 2P
   40 Watts
More results

Similar Description - APC12Y03-9J

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com