Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH22T033-9J Datasheet(PDF) 4 Page - Astec America, Inc

Part # ATH22T033-9J
Description  22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH22T033-9J Datasheet(HTML) 4 Page - Astec America, Inc

  ATH22T033-9J Datasheet HTML 1Page - Astec America, Inc ATH22T033-9J Datasheet HTML 2Page - Astec America, Inc ATH22T033-9J Datasheet HTML 3Page - Astec America, Inc ATH22T033-9J Datasheet HTML 4Page - Astec America, Inc ATH22T033-9J Datasheet HTML 5Page - Astec America, Inc ATH22T033-9J Datasheet HTML 6Page - Astec America, Inc ATH22T033-9J Datasheet HTML 7Page - Astec America, Inc ATH22T033-9J Datasheet HTML 8Page - Astec America, Inc ATH22T033-9J Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures. Derating limits apply to
modules soldered directly to a 4 in.
× 4 in. double-sided PCB with 1 oz. copper.
Characteristic Data; Vin =3.3V (See Note A)
Efficiency vs Load Current
Power Dissipation vs Load Current
Output Ripple vs Load Current
Safe Operating Area; Vin =3.3 V (See Note B)
Output Voltage =2.5 V
ATH22T033 Series —3.3-V Input
22-A, 3.3-V Input Non-Isolated
Wide-Output Adjust Power Module
50
60
70
80
90
100
0
4
8
12
16
20
Iout - (A)
2.5V
1.8V
1.5V
1.2V
1.0V
VOUT
0
10
20
30
40
50
0
4
8
121620
Iout - (A)
1.5V
1.8V
1.2V
1.0V
2.5V
VOUT
0
2
4
6
8
0
4
8
12
16
20
Iout - (A)
20
30
40
50
60
70
80
90
0
5
10
15
20
Iout (A)
400LFM
200LFM
100LFM
Nat Conv
Airflow


Similar Part No. - ATH22T033-9J

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH22T033-9J ASTEC-ATH22T033-9J Datasheet
581Kb / 2P
   22Amps
More results

Similar Description - ATH22T033-9J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
[Old version datasheet]   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
[Old version datasheet]   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
[Old version datasheet]   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T033 ASTEC-ATH15T033 Datasheet
402Kb / 14P
   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
[Old version datasheet]   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com