Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH30T033 Datasheet(PDF) 7 Page - Astec America, Inc

Part # ATH30T033
Description  30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH30T033 Datasheet(HTML) 7 Page - Astec America, Inc

Back Button ATH30T033 Datasheet HTML 3Page - Astec America, Inc ATH30T033 Datasheet HTML 4Page - Astec America, Inc ATH30T033 Datasheet HTML 5Page - Astec America, Inc ATH30T033 Datasheet HTML 6Page - Astec America, Inc ATH30T033 Datasheet HTML 7Page - Astec America, Inc ATH30T033 Datasheet HTML 8Page - Astec America, Inc ATH30T033 Datasheet HTML 9Page - Astec America, Inc ATH30T033 Datasheet HTML 10Page - Astec America, Inc ATH30T033 Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Application Notes
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Adjusting the Output Voltage of the ATH30T033
& ATH30T05 Wide-Output Adjust Power Modules
The Vo Adjust control (pin 4) sets the output voltage of the
ATH30T033 and ATH30T05 products to a value higher than
0.8 V. The adjustment range of the ATH30T033 (3.3-V
input) is from 0.8 V to 2.5 V1, and the ATH30T05 (5-V input)
from 0.8 V to 3.6 V. For an output voltage other than
0.8 V a single external resistor, Rset, must be connected
directly between the Vo Adjust and GND pins 2. Table 2-1
gives the preferred value of the external resistor for a num-
ber of standard voltages, along with the actual output
voltage that this resistance value provides.
For other output voltages the value of the required resistor
can either be calculated using the following formula, or
simply selected from the range of values given in Table 2-2.
Figure 2-1 shows the placement of the required resistor.
Rset
= 10 k
Ω ·
0.8 V
– 2.49 k
Vout – 0.8 V
Figure 2-1; V
o
Adjust Resistor Placement
Notes:
1. Modules that operate from a 3.3-V input bus should
not be adjusted higher than 2.5 V.
2. Use a 0.1 W resistor. The tolerance should be 1 %, with
temperature stability of 100 ppm/°C (or better). Place
the resistor as close to the regulator as possible. Connect
the resistor directly between pins 5 and 10 using dedicated
PCB traces.
3. Never connect capacitors from Vo Adjust to either GND or
Vout. Any capacitance added to the Vo Adjust pin will affect
the stability of the regulator.
0.800
Open
0.825
318 k
0.850
158 k
0.875
104 k
0.900
77.5 k
0.925
61.5 k
0.950
50.8 k
0.975
43.2 k
1.000
37.5 k
1.025
33.1 k
1.050
29.5 k
1.075
26.6 k
1.100
24.2 k
1.125
22.1 k
1.150
20.4 k
1.175
18.8 k
1.200
17.5 k
1.225
16.3 k
1.250
15.3 k
1.275
14.4 k
1.300
13.5 k
1.325
12.7 k
1.350
12.1 k
1.375
11.4 k
1.400
10.8 k
1.425
10.3 k
1.450
9.82 k
1.475
9.36 k
1.50
8.94 k
1.55
8.18 k
1.60
7.51 k
1.65
6.92 k
1.70
6.4 k
1.75
5.93 k
1.80
5.51 k
1.85
5.13 k
1.90
4.78 k
1.95
4.47 k
Vout (Standard)
Rset (Pref’d Value)
Vout (Actual)
3.3 V 1
698
3.309V
2.5 V
2.21 k
2.502 V
2 V
4.12 k
2.010 V
1.8 V
5.49 k
1.803 V
1.5 V
8.87 k
1.504 V
1.2 V
17.4 k
1.202 V
1 V
36.5 k
1.005 V
0.8 V
Open
0.8 V
Table 2-1; Preferred Values of R
set
for Standard Output Voltages
ATH30T033 & ATH30T05 Series
Table 2-2; Output Voltage Set-Point Resistor Values
Va Req’d
Rset
Va Req’d
Rset
2.00
4.18 k
2.05
3.91 k
2.10
3.66 k
2.15
3.44 k
2.20
3.22 k
2.25
3.03 k
2.30
2.84 k
2.35
2.67 k
2.40
2.51 k
2.45
2.36 k
2.50
2.22 k
2.55
2.08 k
2.60
1.95 k
2.65
1.83 k
2.70
1.72 k
2.75
1.61 k
2.80
1.51 k
2.85
1.41 k
2.90
1.32 k
2.95
1.23 k
3.00
1.15 k
3.05
1.07 k
3.10
988
3.15
914
3.20
843
3.25
775
3.30
710
3.35
647
3.40
587
3.45
529
3.50
473
3.55
419
3.60
367
C
OUT
330 µF
(Optional)
GND
V
OUT
V
o Sense
R
SET
1 %, 0.1 W
PTH05030W
1, 3, 7
13
6
8, 9
12
11
5
GND
Adjust
V
O
Sense
10
GND
GND
ATH30T05-9S


Similar Part No. - ATH30T033

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH30T033-9 ASTEC-ATH30T033-9 Datasheet
647Kb / 2P
   30Amps
ATH30T033-9J ASTEC-ATH30T033-9J Datasheet
647Kb / 2P
   30Amps
ATH30T033-9S ASTEC-ATH30T033-9S Datasheet
647Kb / 2P
   30Amps
ATH30T033-9SJ ASTEC-ATH30T033-9SJ Datasheet
647Kb / 2P
   30Amps
More results

Similar Description - ATH30T033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
[Old version datasheet]   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
[Old version datasheet]   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
[Old version datasheet]   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T033 ASTEC-ATH15T033 Datasheet
402Kb / 14P
   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH22T033 ASTEC-ATH22T033 Datasheet
432Kb / 14P
   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
[Old version datasheet]   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com