Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC12F08-9J Datasheet(PDF) 4 Page - Astec America, Inc

Part # APC12F08-9J
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12F08-9J Datasheet(HTML) 4 Page - Astec America, Inc

  APC12F08-9J Datasheet HTML 1Page - Astec America, Inc APC12F08-9J Datasheet HTML 2Page - Astec America, Inc APC12F08-9J Datasheet HTML 3Page - Astec America, Inc APC12F08-9J Datasheet HTML 4Page - Astec America, Inc APC12F08-9J Datasheet HTML 5Page - Astec America, Inc APC12F08-9J Datasheet HTML 6Page - Astec America, Inc APC12F08-9J Datasheet HTML 7Page - Astec America, Inc APC12F08-9J Datasheet HTML 8Page - Astec America, Inc APC12F08-9J Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 4 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Setpoint
VIN = VIN, min to VIN, max at
IO =IO,max
0.9V
1.2V
1.5V
1.8V
2.5V
3.3V
VO,SET
VO,SET
VO,SET
VO,SET
VO,SET
VO,SET
0.873
1.164
1.455
1.746
2.425
3.200
0.900
1.200
1.500
1.800
2.500
3.300
0.927
1.236
1.545
1.854
2.575
3.400
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation
Line: VIN = VIN, min to VIN, max
Load: IO = IO, min to IO, max
Temp: TA = -40 ºC to +85ºC
All
-
-
-
-
-
-
-
-
-
0.5
1.0
±1.5
%
%
%
Output Ripple and Noise3
Peak-to-Peak: 5 Hz to 20 MHz
≥2.5V
<2.5V
-
-
-
-
-
-
75
50
mVPK-PK
mVPK-PK
Output Current
All
3V3
IO
0
0
-
-
12
12
A
A
External Load Capacitance
Capacitor ESR
All
-
-
-
-
-
-
3000
100
µF
m
Output Current-limit Inception4
All
IO
-
20
-
A
Output Short-circuit Current5
All
-
-
-
-
-
Efficiency
VIN = 1.8V to 6V
1
IO = 12A Resistive Load
J03
K03
M03
Y03
G03
F03
η
η
η
η
η
η
73
80
83
86
88
90
76
81
86
87
90
92
79
84
89
90
93
94
%
%
%
%
%
%
VIN = 5.6V to 13V
1
IO = 12A Resistive Load
J08
K08
M08
Y08
G08
F08
η
η
η
η
η
η
71
75
79
80
85
88
73
77
81
82
87
90
74
79
83
84
89
91
%
%
%
%
%
%
Switching Frequency
All
200
kHz
Turn-On Time (Input to Output)6
IO = IO,max; VIN = VIN,nom
All
-
-
-
65
ms


Similar Part No. - APC12F08-9J

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12F08 ASTEC-APC12F08 Datasheet
183Kb / 2P
   40 Watts
More results

Similar Description - APC12F08-9J

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com