Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08Y08-9MA Datasheet(PDF) 4 Page - Astec America, Inc

Part # APC08Y08-9MA
Description  Non-Isolated DC/DC Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08Y08-9MA Datasheet(HTML) 4 Page - Astec America, Inc

  APC08Y08-9MA Datasheet HTML 1Page - Astec America, Inc APC08Y08-9MA Datasheet HTML 2Page - Astec America, Inc APC08Y08-9MA Datasheet HTML 3Page - Astec America, Inc APC08Y08-9MA Datasheet HTML 4Page - Astec America, Inc APC08Y08-9MA Datasheet HTML 5Page - Astec America, Inc APC08Y08-9MA Datasheet HTML 6Page - Astec America, Inc APC08Y08-9MA Datasheet HTML 7Page - Astec America, Inc APC08Y08-9MA Datasheet HTML 8Page - Astec America, Inc APC08Y08-9MA Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 4 OF 23
OCTOBER 4, 2004 - REVISION 03
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Setpoint
APC08J03
VO,SET
0.873
0.9
0.927
Vdc
(VIN=VIN,min to VIN,max at
APC08K03
1.164
1.2
1.236
IO=IO,max)
1
APC08M03
1.455
1.5
1.545
APC08Y03
1.746
1.8
1.854
APC08G03
2.425
2.5
2.575
APC08F03
3.200
3.3
3.400
APC08J08
0.873
0.9
0.927
APC08K08
1.164
1.2
1.236
APC08M08
1.455
1.5
1.545
APC08Y08
1.746
1.8
1.854
APC08G08
2.425
2.5
2.575
APC08F08
3.200
3.3
3.400
APC05A08
4.850
5.0
5.150
APC04S08
5.820
6.0
6.180
Output Regulation:
Line: VIN=VIN,min to VIN,max
All
-
-
-
0.5
%
Load: IO=IO,min to IO,max
All
-
-
-
0.5
%
Temp: TA= -40 °C to 85 °C
All
-
-
-
±1.5
%
Output Ripple and Noise
11
Peak to Peak: 5Hz to 20MHz
≥ 2.5V
-
-
-
75
mVPK-PK
< 2.5V
-
-
-
50
mVPK-PK
Output Current Range
All
IO
0
-
8
A
5V
0
-
5
6V
0
-
4
External Load Capacitance
9
Suffix “W”
-
-
-
5000
µF
All
-
-
-
500
µF
Capacitor ESR
Suffix “W”
-
10
-
100
m
All
100
-
-
m
Output Current Limit Inception
3
All
IO
-
11.5
-
A
Output Short Circuit Current
4
All
-
-
-
-
Efficiency
VIN = 1.8V to 6V
1
APC08J03
η
74
76
-
%
IO = 8A Resistive Load
APC08K03
80
81
-
APC08M03
83
86
-
APC08Y03
85
88
-
APC08G03
89
91
-
APC08F03
90
93
-
Switching Frequency
All
-
-
400
-
KHz
Turn-On time (Input to Output)
5
All
-
-
-
50
ms
IO = 8A; VIN = VIN,nom


Similar Part No. - APC08Y08-9MA

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08Y08 ASTEC-APC08Y08 Datasheet
389Kb / 2P
   30 Watts
More results

Similar Description - APC08Y08-9MA

ManufacturerPart #DatasheetDescription
logo
ABB
MLX040A0XY3-SRZ ABB-MLX040A0XY3-SRZ Datasheet
6Mb / 37P
   MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.3 Date 3/8/2023
MLX120A0XY3-SRZ ABB-MLX120A0XY3-SRZ Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
SLX040A0XY3-SRZ ABB-SLX040A0XY3-SRZ Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
MLX080A0XY3-SRZ ABB-MLX080A0XY3-SRZ Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
SLX160A0XY3-SRZ ABB-SLX160A0XY3-SRZ Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
   8W Isolated DC-DC Power Module
6/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com