Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCH16T245VRE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # 74AVCH16T245VRE4
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVCH16T245VRE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 74AVCH16T245VRE4 Datasheet HTML 7Page - Texas Instruments 74AVCH16T245VRE4 Datasheet HTML 8Page - Texas Instruments 74AVCH16T245VRE4 Datasheet HTML 9Page - Texas Instruments 74AVCH16T245VRE4 Datasheet HTML 10Page - Texas Instruments 74AVCH16T245VRE4 Datasheet HTML 11Page - Texas Instruments 74AVCH16T245VRE4 Datasheet HTML 12Page - Texas Instruments 74AVCH16T245VRE4 Datasheet HTML 13Page - Texas Instruments 74AVCH16T245VRE4 Datasheet HTML 14Page - Texas Instruments 74AVCH16T245VRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SN74AVCH16T245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES587B − AUGUST 2004 − REVISED APRIL 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
1020
3040
5060
6
5
4
3
2
1
0
0
1020
3040
5060
6
5
4
3
2
1
0
TA = 25°C
VCCA = 1.8 V
TA = 25°C
VCCA = 1.8 V
Figure 5
Figure 6
CL − Load Capacitance − pF
CL − Load Capacitance − pF
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V
CL − Load Capacitance − pF
0
1020
3040
5060
6
5
4
3
2
1
0
0
1020
3040
5060
6
5
4
3
2
1
0
TA = 25°C
VCCA = 2.5 V
TA = 25°C
VCCA = 2.5 V
Figure 7
Figure 8
CL − Load Capacitance − pF
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V


Similar Part No. - 74AVCH16T245VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVCH16T245VRE4 TI-74AVCH16T245VRE4 Datasheet
616Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVCH16T245VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com