Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08Y03-J Datasheet(PDF) 8 Page - Astec America, Inc

Part # APC08Y03-J
Description  Non-Isolated DC/DC Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08Y03-J Datasheet(HTML) 8 Page - Astec America, Inc

Back Button APC08Y03-J Datasheet HTML 4Page - Astec America, Inc APC08Y03-J Datasheet HTML 5Page - Astec America, Inc APC08Y03-J Datasheet HTML 6Page - Astec America, Inc APC08Y03-J Datasheet HTML 7Page - Astec America, Inc APC08Y03-J Datasheet HTML 8Page - Astec America, Inc APC08Y03-J Datasheet HTML 9Page - Astec America, Inc APC08Y03-J Datasheet HTML 10Page - Astec America, Inc APC08Y03-J Datasheet HTML 11Page - Astec America, Inc APC08Y03-J Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 8 OF 23
OCTOBER 4, 2004 - REVISION 03
Typical Application Circuit (Standard Pinout)
Recommended C1 is a low ESR (<100 mohms) 100 µF tantalum and C2 is a 1 µF ceramic or equivalent. Recommended
output decoupling capacitor C3 for –W models is 22 µF low ESR ceramic capacitor (at a min). For all other models, C3 can go
as low as 1 µF ceramic capacitor.
Figure 2. Typical Application Circuit.
Enable Pin (Standard configuration)
Pin P5 is functioned to enable the output voltage of a
module. If this pin is left open or connected to > 4.1Vdc
up to 14Vdc, the module is turned on. On the other hand,
if this pin is connected to ground or to a voltage potential
from 0 to 0.8Vdc, the module is turned off. The enable pin
can source current up to 60
µA max - suited for typical
open-collector transistors readily available in the market.
For TTL compatibility, Figure 3 shows a 7405 open
collector inverter IC utilized to function the Enable
feature. Other common chips that can do the function are
74S05; 74HCT05; non-inverting - 7407; 74S07; 74HC07.
If SMT packaging is preferred, Fairchild's Tiny Logic
NC7SZ05 or TI's Little Logic SN7SLVC1G06 comes in SOT23
or SC70 packages.
Special Feature Pins (Options):
Trim Function (-9):
Pin P4 is used for output voltage adjustment. The output voltage can be trimmed through an external resistor or through an
external DC supply as described in the succeeding sections.
Method 1: External Trim Resistor.
By connecting an external resistor across P4 and P3 (Gnd), the voltage appearing on pin P2 (Vo) is adjusted to a higher value.
The output voltage of a module can be adjusted up to a maximum value of 3.3V (nominal) or 83% of the input voltage,
Figure 3. Output Voltage Enable function diagram.


Similar Part No. - APC08Y03-J

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08Y03 ASTEC-APC08Y03 Datasheet
389Kb / 2P
   30 Watts
More results

Similar Description - APC08Y03-J

ManufacturerPart #DatasheetDescription
logo
ABB
MLX040A0XY3-SRZ ABB-MLX040A0XY3-SRZ Datasheet
6Mb / 37P
   MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.3 Date 3/8/2023
MLX120A0XY3-SRZ ABB-MLX120A0XY3-SRZ Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
SLX040A0XY3-SRZ ABB-SLX040A0XY3-SRZ Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
MLX080A0XY3-SRZ ABB-MLX080A0XY3-SRZ Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
SLX160A0XY3-SRZ ABB-SLX160A0XY3-SRZ Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
   8W Isolated DC-DC Power Module
6/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com