Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK60C-H Datasheet(PDF) 7 Page - Astec America, Inc

Part # BK60C-H
Description  36 Vdc to 75 Vdc Inputs, 150 W
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

BK60C-H Datasheet(HTML) 7 Page - Astec America, Inc

Back Button BK60C-H Datasheet HTML 3Page - Astec America, Inc BK60C-H Datasheet HTML 4Page - Astec America, Inc BK60C-H Datasheet HTML 5Page - Astec America, Inc BK60C-H Datasheet HTML 6Page - Astec America, Inc BK60C-H Datasheet HTML 7Page - Astec America, Inc BK60C-H Datasheet HTML 8Page - Astec America, Inc BK60C-H Datasheet HTML 9Page - Astec America, Inc BK60C-H Datasheet HTML 10Page - Astec America, Inc BK60C-H Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Technical Reference Notes (TRN)
BK60C-H Series
36 Vdc to 75 Vdc Inputs, 150 W
_____________________________________________________________
ASTEC POWER - Andover
7 of 14
Characteristic Curves (continued)
Figure 5. Typical Output Voltage Startup
Figure 6. Typical Output Ripple (033F)
Vi = Vi,nom, Io = Io,max.
Vi = Vi,nom, Io = Io,max.
Figure 7. Typical Dynamic Response (033F)
Figure 8. Typical Dynamic Response (033F)
Step Load Change from 50% to 75% Io,max
Step Load Change from 50% to 25% Io,max


Similar Part No. - BK60C-H

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
BK60C-048L-018F30H ASTEC-BK60C-048L-018F30H Datasheet
78Kb / 2P
   Regulation to zero load
BK60C-048L-018F40H ASTEC-BK60C-048L-018F40H Datasheet
677Kb / 2P
   150 Watts
BK60C-048L-025F30H ASTEC-BK60C-048L-025F30H Datasheet
78Kb / 2P
   Regulation to zero load
BK60C-048L-025F40H ASTEC-BK60C-048L-025F40H Datasheet
677Kb / 2P
   150 Watts
BK60C-048L-033F30H ASTEC-BK60C-048L-033F30H Datasheet
78Kb / 2P
   Regulation to zero load
More results

Similar Description - BK60C-H

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Lineage Power Corporati...
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com