Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH16T245GQLR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AVCH16T245GQLR
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH16T245GQLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AVCH16T245GQLR Datasheet HTML 5Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 6Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 7Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 8Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 9Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 10Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 11Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 12Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SN74AVCH16T245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES587B − AUGUST 2004 − REVISED APRIL 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, TA = 25°C
PARAMETER
TEST
CONDITIONS
VCCA =
VCCB = 1.2 V
VCCA =
VCCB = 1.5 V
VCCA =
VCCB = 1.8 V
VCCA =
VCCB = 2.5 V
VCCA =
VCCB = 3.3 V
UNIT
PARAMETER
CONDITIONS
TYP
TYP
TYP
TYP
TYP
UNIT
A to B
Outputs
enabled
1
1
1
1
2
CpdA†
A to B
Outputs
disabled
CL = 0,
f = 10 MHz,
1
1
1
1
1
pF
CpdA†
B to A
Outputs
enabled
f = 10 MHz,
tr = tf = 1 ns
13
13
14
15
16
pF
B to A
Outputs
disabled
1
1
1
1
1
A to B
Outputs
enabled
13
13
14
15
16
CpdB†
A to B
Outputs
disabled
CL = 0,
f = 10 MHz,
1
1
1
1
1
pF
CpdB†
B to A
Outputs
enabled
L
f = 10 MHz,
tr = tf = 1 ns
1
1
1
1
2
pF
B to A
Outputs
disabled
1
1
1
1
1
† Power-dissipation capacitance per transceiver
typical total static power consumption (ICCA + ICCB)
Table 1
VCCB
VCCA
UNIT
VCCB
0 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
UNIT
0 V
0
< 0.5
< 0.5
< 0.5
< 0.5
< 0.5
1.2 V
< 0.5
< 1
< 1
< 1
< 1
1
1.5 V
< 0.5
< 1
< 1
< 1
< 1
1
A
1.8 V
< 0.5
< 1
< 1
< 1
< 1
< 1
µA
2.5 V
< 0.5
1
< 1
< 1
< 1
< 1
3.3 V
< 0.5
1
< 1
< 1
< 1
< 1


Similar Part No. - SN74AVCH16T245GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH16T245GQLR TI-SN74AVCH16T245GQLR Datasheet
446Kb / 19P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCH16T245GQLR TI-SN74AVCH16T245GQLR Datasheet
616Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH16T245GQLR TI1-SN74AVCH16T245GQLR Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
More results

Similar Description - SN74AVCH16T245GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com