Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08G08-J Datasheet(PDF) 3 Page - Astec America, Inc

Part # APC08G08-J
Description  Non-Isolated DC/DC Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08G08-J Datasheet(HTML) 3 Page - Astec America, Inc

  APC08G08-J Datasheet HTML 1Page - Astec America, Inc APC08G08-J Datasheet HTML 2Page - Astec America, Inc APC08G08-J Datasheet HTML 3Page - Astec America, Inc APC08G08-J Datasheet HTML 4Page - Astec America, Inc APC08G08-J Datasheet HTML 5Page - Astec America, Inc APC08G08-J Datasheet HTML 6Page - Astec America, Inc APC08G08-J Datasheet HTML 7Page - Astec America, Inc APC08G08-J Datasheet HTML 8Page - Astec America, Inc APC08G08-J Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 3 OF 23
OCTOBER 4, 2004 - REVISION 03
Electrical Specifications
STANDARD TEST CONDITION on a single unit, unless otherwise specified.
TA:
25
°C (Ambient Air)
Vin (P1):
APC08x03
+1.8V to +6.0V
APC08x08
+5.0V to +13V
Enable (P5):
Open
Vo (P2):
Connect to load
Gnd (P3):
Return for Vin and Vo
Trim (P4):
Open
PGood (P6):
Open
P (P7):
Open
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation
of the device is not implied at these or in any other conditions in excess of those given in the operational sections of
the specs. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
Continuous
03
VIN
1.8
-
6.0
Vdc
Transient (100ms)
03
VIN,trans
-
-
7.0
Vdc
Continuous
08
VIN
5.0
-
13.0
Vdc
Transient (100ms)
08
VIN,trans
-
-
14.0
Vdc
Operating Temperature
All
TA
-40
-
85
ºC
Storage Temperature
All
TSTG
-40
-
125
ºC
Operating Humidity
All
-
-
-
85
%
INPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
1
03
VIN
1.8
3.3
6.0
Vdc
08
5.0
8.0
12.0
Vdc
Maximum Input Current
2
(VIN = 0 to VIN,max; IO = IO,max)
All
APC05
APC04
IIN,max
-
-
9.0
6.0
5.0
A
Input Ripple Current
5Hz to 20MHz
All
IIN-1
-
200
250
mAp-p
Note:
1. Minimum VIN (03 device) for 1V8, 2V5 and 3V3 versions are 2V2, 3V and 4V respectively. For 08
device, min VIN for 5V and 6V versions are 7.5Vin and 8.5Vin
2. This power module is not internally fused. The use of an input line fuse (03 Version: GMA-10A; 08
version: GMA-6A Bussman fuses or equivalent) is recommended.


Similar Part No. - APC08G08-J

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08G08 ASTEC-APC08G08 Datasheet
389Kb / 2P
   30 Watts
More results

Similar Description - APC08G08-J

ManufacturerPart #DatasheetDescription
logo
ABB
MLX040A0XY3-SRZ ABB-MLX040A0XY3-SRZ Datasheet
6Mb / 37P
   MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.3 Date 3/8/2023
MLX120A0XY3-SRZ ABB-MLX120A0XY3-SRZ Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
SLX040A0XY3-SRZ ABB-SLX040A0XY3-SRZ Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
MLX080A0XY3-SRZ ABB-MLX080A0XY3-SRZ Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
SLX160A0XY3-SRZ ABB-SLX160A0XY3-SRZ Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
   8W Isolated DC-DC Power Module
6/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com