Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM431LAN5-XX-AR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LM431LAN5-XX-AR
Description  Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM431LAN5-XX-AR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LM431LAN5-XX-AR Datasheet HTML 1Page - List of Unclassifed Manufacturers LM431LAN5-XX-AR Datasheet HTML 2Page - List of Unclassifed Manufacturers LM431LAN5-XX-AR Datasheet HTML 3Page - List of Unclassifed Manufacturers LM431LAN5-XX-AR Datasheet HTML 4Page - List of Unclassifed Manufacturers LM431LAN5-XX-AR Datasheet HTML 5Page - List of Unclassifed Manufacturers LM431LAN5-XX-AR Datasheet HTML 6Page - List of Unclassifed Manufacturers LM431LAN5-XX-AR Datasheet HTML 7Page - List of Unclassifed Manufacturers LM431LAN5-XX-AR Datasheet HTML 8Page - List of Unclassifed Manufacturers LM431LAN5-XX-AR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. A/DX 2007-06-04
LM431L LM431LA LM431LB
Shunt Regulator
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 13
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
Shunt Regulator
General Description
• The LM431 Series ICs are low voltage three-terminal
programmable shunt regulators with guaranteed thermal
stability over a full operation range. These monolithic ICs
voltage reference operate as a low temperature coefficient
Zener which is programmable from Vref to 18V with two external
resistors. These devices exhibit a wide operating current range
of 80µA to 50/100mA with a typical dynamic impedance of 0.05 to
0.22Ω. The characteristics of these references make them excellent
replacements for Zener diodes in many applications such as
digital voltmeters, power supplies and op amp circuitry
• The LM431L precision reference is offered in three voltage
tolerance for VREF=1.240V: 1.5%, 1.0% and 0.5%.
• These ICs are available in 4 packages: TO-92, SOT-23, SOT-23-5 and SOT-89.
.
.
Features
Applications
• Programmable Precise Output Voltage from
1.24V to 16/18V
• High Stability under Capacitive Load
• Low Temperature Deviation
• Low Dynamic Output Impedance: 0.05 to 0.22Ω Typical
• Operating Current from 80µA to 50/100mA.
• Low Output Noise Voltage
• RoHS Compliance
SOT-89
SOT-23-5
SOT-23
• Graphic Card
• PC Motherboard
• Voltage Adapter
• Switching Power Supply
• Charger
TO-92


Similar Part No. - LM431LAN5-XX-AR

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM431LAN5-XX-AR TAITRON-LM431LAN5-XX-AR Datasheet
754Kb / 13P
   Shunt Regulator
More results

Similar Description - LM431LAN5-XX-AR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com