Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVC06Y05 Datasheet(PDF) 7 Page - Astec America, Inc

Part # AVC06Y05
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC06Y05 Datasheet(HTML) 7 Page - Astec America, Inc

Back Button AVC06Y05 Datasheet HTML 3Page - Astec America, Inc AVC06Y05 Datasheet HTML 4Page - Astec America, Inc AVC06Y05 Datasheet HTML 5Page - Astec America, Inc AVC06Y05 Datasheet HTML 6Page - Astec America, Inc AVC06Y05 Datasheet HTML 7Page - Astec America, Inc AVC06Y05 Datasheet HTML 8Page - Astec America, Inc AVC06Y05 Datasheet HTML 9Page - Astec America, Inc AVC06Y05 Datasheet HTML 10Page - Astec America, Inc AVC06Y05 Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 7 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
11. Output Voltage adjustment
l When Adjust-pin (12pin) is left open, DC-DC converter applies nominal output voltage.
l Resistors connected between Adjust-pin(12pin) to Vout-pin (9~11pin) will decrease the output voltage
between 90% ~ 100% of the nominal output voltage.(Vout-Down control)
l Resistors connected between Adjust-pin(12pin) to GND-pin (5~8pin) will increase the output voltage
between 100% ~ 110% of the nominal output voltage.(Vout-Up control)
l The following equations give the required external-resistor value to adjust the output voltage to Voadj.
When you change the output voltage, it is necessary to evaluate the characteristics of DC-DC converter
at your board conditions.
l When Vout-Up is used, the input voltage must higher than the output voltage the following rate:
l
AVC (Vin=3.3V)
Vin > Vout+0.5V
AVC (Vin=5V)
Vin > Vout+1.0V
Trim down the output voltage,
Trim up the output voltage,
<Internal parameter of DC-DC converter>
Nominal Output
Voltage
[V]
1.0
1.2
1.5
1.8
2.0
2.5
3.3
Rx
[K
Ω]
4.7
3.6
4.7
4.7
5.6
6.8
8.2
Ry
[K
Ω]
29.73
14.64
16.16
8.40
7.00
6.80
4.60
Rz
[K
Ω]
1.0
1.0
2.2
5.6
10.0
15.0
18.0
Vs
[V]
0.864
0.963
1.162
1.154
1.111
1.250
1.186
Rz
-
Vs)
-
Ry(Voadj
-
Vs
*
Rx
Vs)
-
Ry(Voadj
*
Rx
R1
=
Open
R2
=
Rz
-
Vs
*
Rx
-
Vs)
-
Ry(Voadj
Vs
*
Ry
*
Rx
R2
=
Open
R1
=
9,10,11
12
R1
R2
Ry
Rx
Rz
GND
Vout
Adjust
Load
DC /DC
Vs


Similar Part No. - AVC06Y05

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AVC06Y05 ASTEC-AVC06Y05 Datasheet
78Kb / 2P
   20 Watts Embedded Power
logo
Emerson Network Power
AVC06Y05 EMERSON-NETWORKPOWER-AVC06Y05 Datasheet
78Kb / 2P
   20w Ultra Low Profile - 6.0mm
More results

Similar Description - AVC06Y05

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUK30W ASTEC-AUK30W Datasheet
319Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG20W ASTEC-AUG20W Datasheet
326Kb / 15P
   Ultra Low Profile DC- DC Module (Pb-free reflow compatible and ROHS Compliant)
AUM10W ASTEC-AUM10W Datasheet
304Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUD10W ASTEC-AUD10W Datasheet
315Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG15W ASTEC-AUG15W Datasheet
312Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
logo
Seoul Semiconductor
SFT825Z-S SEOUL-SFT825Z-S_09 Datasheet
746Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
SFT825N-S SEOUL-SFT825N-S_09 Datasheet
736Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com