Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6B70BFG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # T6B70BFG
Description  Interface IC for Hot Water Dispensers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T6B70BFG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button T6B70BFG Datasheet HTML 4Page - Toshiba Semiconductor T6B70BFG Datasheet HTML 5Page - Toshiba Semiconductor T6B70BFG Datasheet HTML 6Page - Toshiba Semiconductor T6B70BFG Datasheet HTML 7Page - Toshiba Semiconductor T6B70BFG Datasheet HTML 8Page - Toshiba Semiconductor T6B70BFG Datasheet HTML 9Page - Toshiba Semiconductor T6B70BFG Datasheet HTML 10Page - Toshiba Semiconductor T6B70BFG Datasheet HTML 11Page - Toshiba Semiconductor T6B70BFG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
T6B70BFG
2007-07-19
8
Electrical Characteristics
(unless otherwise specified, VDD = 5.0 V, VSS = 0 V, FOSC = 4 MHz and Ta = −20 to 80°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VDD pin (pin 16)
Operating voltage
VDD
4.5
5.0
5.5
V
Current consumption
IDD
1
When there is no load;
FOSC = 4 MHz
10
mA
OSCIN pin (pin 1) and OSCOUT pin (pin 2)
Oscillation frequency
FOSC
2
1
4
10
MHz
High level
VIHOSC
3
0.7
VDD
VDD
Input voltage
Low level
VILOSC
3
VSS
0.3
VDD
V
High level
IIHROSC
4
VIN
= 5 V, Ta = 25°C
3.2
6.58
13.2
Input current
Low level
IILROSC
4
VIN
= 0 V, Ta = 25°C
−3.2
−6.58
−13.2
μA
High level
VOHOSC
3
IOH
= −0.1 mA
VDD − 1
VDD
Output
voltage
Low level
VOLOSC
4
IOL
= +0.1 mA
VSS
VSS
+ 0.6
V
/RESET pin (5 pin)
Low to High input switching level
VIHRST
5
0.65
VDD
VDD
V
High to Low input switching level
VILRST
5
VSS
0.35
VDD
V
High-level input current
IIHRST
6
VIN
= VDD
−10
10
μA
Pull-up resistance 1
IILRRST1
7
VIN
= VSS, Ta = 25°C
9
15
21
k
Ω
Pull-up resistance 2
IILRRST2
7
VIN
= VSS, Ta = −20 to 80°C
6.3
27.3
k
Ω
/SCTL pin (pin 4)
Low to High input switching level
VIHSCTL
8
0.65
VDD
VDD
V
High to Low input switching level
VILSCTL
8
VSS
0.35
VDD
V
High level
IIHSCTL
9
VIN
= VDD
−1
1
Input current
Low level
IILSCTL
9
VIN
= VDD
−1
1
μA
FOUT pin (pin 3)
High level
VOHFOUT
10
IOH
= −1.0 mA
VDD − 1
VDD
Output
voltage
Low level
VOLFOUT
11
IOL
= +1.0 mA
VSS
VSS
+ 0.6
V
/DOUT pin (pin 9)
High level
VOHDOUT
12
IOH
= −1.0 mA
VDD
− 1.0
VDD
Output
voltage
Low level
VOLDOUT
13
IOL
= +1.0 mA
VSS
VSS
+ 0.6
V
Non-reception to reception
detection time
TDET1
19
FOSC = 4 MHz,
AMPIN
= 250 kHz
Time it takes for /DOUT to
change from High to Low
40
60
μs
Reception to non-reception
detection time
TDET2
19
FOSC = 4 MHz,
AMPIN
= 250 kHz
Time it takes for /DOUT to
change from Low to High
36
56
μs
Note: The direction of current flow should be
+ (sink) when flowing into the IC and − (drain) when flowing out of the IC.


Similar Part No. - T6B70BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6B70BF TOSHIBA-T6B70BF Datasheet
279Kb / 15P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - T6B70BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6B70AF TOSHIBA-T6B70AF Datasheet
280Kb / 15P
   Interface IC for Water Heater
logo
Rohm
BD88030FV ROHM-BD88030FV Datasheet
1Mb / 29P
   For Gas Water Heaters Interface IC
16.Feb.2022 Rev.001
logo
BELIMO AIRCONTROLS (USA...
Z2050Q-F BELIMO-Z2050Q-F Datasheet
414Kb / 2P
   chilled or hot water, up to 60% glycol
Z2050Q-J BELIMO-Z2050Q-J Datasheet
414Kb / 2P
   chilled or hot water, up to 60% glycol
Z2050QS-F BELIMO-Z2050QS-F Datasheet
400Kb / 2P
   chilled or hot water, up to 60% glycol
Z2050QS-J BELIMO-Z2050QS-J Datasheet
401Kb / 2P
   chilled or hot water, up to 60% glycol
logo
Analog Devices
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
ADUM1251 AD-ADUM1251_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
logo
BELIMO AIRCONTROLS (USA...
ZONE215S-10 BELIMO-ZONE215S-10 Datasheet
486Kb / 3P
   Fluid chilled or hot water, up to 50% glycol
ZONE315N-35 BELIMO-ZONE315N-35 Datasheet
430Kb / 3P
   Fluid chilled or hot water, up to 60% glycol
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com