Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48S00AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA48S00AF
Description  1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48S00AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA48S00AF Datasheet HTML 1Page - Toshiba Semiconductor TA48S00AF Datasheet HTML 2Page - Toshiba Semiconductor TA48S00AF Datasheet HTML 3Page - Toshiba Semiconductor TA48S00AF Datasheet HTML 4Page - Toshiba Semiconductor TA48S00AF Datasheet HTML 5Page - Toshiba Semiconductor TA48S00AF Datasheet HTML 6Page - Toshiba Semiconductor TA48S00AF Datasheet HTML 7Page - Toshiba Semiconductor TA48S00AF Datasheet HTML 8Page - Toshiba Semiconductor TA48S00AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TA48S00AF
2007-06-06
5
Electrical Characteristics Common to All Products
• Tj = 25°C in the measurement conditions of each item is the standard condition when a pulse test is carried
out, and any drift in the electrical characteristic due to a rise in the junction temperature of the chip may be
disregarded.
Standard Application Circuit
• Be sure to connect a capacitor near the input terminal and output terminal between both terminals and GND.
The use of a monolithic ceramic capacitor (B Characteristic or X7R) of low ESR (equivalent series resistance)
is recommended. The IC may oscillate due to external conditions (output current, temperature, or the type of
the capacitor used). The type of capacitor required must be determined by the actual application circuit in
which the IC is used.
Setting Output Voltage
• The output voltage is determined by the equation shown below. When you control the output voltage with R1,
a recommended value to use for R2 is 5 k
Ω. R1 and R2 must be placed as close as possible to each other, and
the board trace to the ADJ terminal must be kept as short as possible.
)
R2
R1
+
1
(
×
REF
V
=
OUT
V
The notice in case of application
• The IC might be destroyed if a voltage greater than the input terminal voltage is applied to the output
terminal, or if the input terminal is connected to GND during operation. To prevent such an occurrence,
connect a diode as in the following diagram.
• There is a possibility that internal parasitic devices may be generated when momentary transients cause a
terminal’s potential to fall below that of the GND terminal. In such case, that the device could be destroyed.
The voltage of each terminal and any state must therefore never fall below the GND potential.
• Depending on the load conditions, a steep increase in the input voltage applied (VIN) may cause a momentary
rise in output voltage (VOUT) even if the EN (enable) pin is Low. Treat with care.
CIN
0.33
μF
IN
OUT
EN
ADJ
GND
CPU etc.
Load
COUT
3.3
μF
TA48S00AF
R1
R2
CIN
0.33
μF
IN
OUT
EN
ADJ
GND
CPUetc.
Load
COUT
3.3
μF
TA48S00AF
R1
R2


Similar Part No. - TA48S00AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S018AF TOSHIBA-TA48S018AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S025AF TOSHIBA-TA48S025AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S025F TOSHIBA-TA48S025F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results

Similar Description - TA48S00AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
   500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com