Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48S015AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA48S015AF
Description  1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48S015AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA48S015AF Datasheet HTML 1Page - Toshiba Semiconductor TA48S015AF Datasheet HTML 2Page - Toshiba Semiconductor TA48S015AF Datasheet HTML 3Page - Toshiba Semiconductor TA48S015AF Datasheet HTML 4Page - Toshiba Semiconductor TA48S015AF Datasheet HTML 5Page - Toshiba Semiconductor TA48S015AF Datasheet HTML 6Page - Toshiba Semiconductor TA48S015AF Datasheet HTML 7Page - Toshiba Semiconductor TA48S015AF Datasheet HTML 8Page - Toshiba Semiconductor TA48S015AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TA48S015, 018, 025, 033, 05, 09AF
2007-06-06
5
TA48S025AF
Electrical Characteristics
(Unless otherwise specified, VEN = VIN, CIN = 0.33 μF, COUT = 3.3 μF, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
VIN = 4.5 V, IOUT = 500 mA
2.425
2.500
2.575
V
Line regulation
Reg・line
3.5 V <= VIN <= 7.5 V, IOUT = 500 mA
6.7
20.0
mV
Load regulation
Reg・load
VIN = 4.5 V, 5 mA <= IOUT <= 1 A
2.9
20.0
mV
3.5 V <= VIN <= 7.5V, IOUT = 0 A
0.85
1.70
Quiescent current
IB
3.5 V <= VIN <= 7.5V, IOUT = 1 A
10
20
mA
Quiescent current (OFF mode)
IB(OFF)
3.5 V <= VIN <= 7.5 V, VEN = 0.4 V
0.5
5.0
μA
VIN = 2.1 V, IOUT = 0 A
2.2
3.5
Starting quiescent current
IBstart
VIN = 3.4 V, IOUT = 1 A
16.0
28.5
mA
Output noise voltage
VNO
VIN = 4.5 V, IOUT = 50 mA,
10 Hz <= f <= 100 kHz
82
μVrms
Ripple rejection
R.R.
VIN = 4.5 V, IOUT = 50 mA,
f
= 120 Hz
65
dB
IOUT = 500 mA
0.32
0.50
Dropout voltage
VD
IOUT = 1 A
0.88
V
Output control voltage (ON)
VEN(ON)
2
V
Output control voltage (OFF)
VEN(OFF)
0.8
V
Output control current (ON)
IEN(ON)
VIN = VEN = 4.5 V
22
100
μA
Average temperature
coefficient of output voltage
TCVO
VIN = 4.5 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.2
mV/°C
TA48S033AF
Electrical Characteristics
(Unless otherwise specified, VEN = VIN, CIN = 0.33 μF, COUT = 3.3 μF, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
VIN = 5.3 V, IOUT = 500 mA
3.201
3.300
3.399
V
Line regulation
Reg・line
4.3 V <= VIN <= 8.3 V, IOUT = 500 mA
8.3
20.0
mV
Load regulation
Reg・load
VIN = 5.3 V, 5 mA <= IOUT <= 1 A
3.7
20.0
mV
4.3 V <= VIN <= 8.3 V, IOUT = 0 A
0.85
1.70
Quiescent current
IB
4.3 V <= VIN <= 8.3 V, IOUT = 1 A
10
20
mA
Quiescent current (OFF mode)
IB(OFF)
4.3 V <= VIN <= 8.3 V, VEN = 0.4 V
0.5
5.0
μA
VIN = 2.1 V, IOUT = 0 A
3.3
4.0
Starting quiescent current
IBstart
VIN = 3.5 V, IOUT = 1 A
17.0
28.5
mA
Output noise voltage
VNO
VIN = 5.3 V, IOUT = 50 mA,
10 Hz <= f <= 100 kHz
100
μVrms
Ripple rejection
R.R.
VIN = 5.3 V, IOUT = 50 mA,
f
= 120 Hz
63
dB
IOUT = 500 mA
0.32
0.50
Dropout voltage
VD
IOUT = 1 A
0.69
V
Output control voltage (ON)
VEN(ON)
2
V
Output control voltage (OFF)
VEN(OFF)
0.8
V
Output control current (ON)
IEN(ON)
VIN = VEN = 5.3 V
27
100
μA
Average temperature
coefficient of output voltage
TCVO
VIN = 5.3 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.3
mV/°C


Similar Part No. - TA48S015AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results

Similar Description - TA48S015AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
   1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
Toshiba Semiconductor
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
   500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com