Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48S02F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA48S02F
Description  1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48S02F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA48S02F Datasheet HTML 1Page - Toshiba Semiconductor TA48S02F Datasheet HTML 2Page - Toshiba Semiconductor TA48S02F Datasheet HTML 3Page - Toshiba Semiconductor TA48S02F Datasheet HTML 4Page - Toshiba Semiconductor TA48S02F Datasheet HTML 5Page - Toshiba Semiconductor TA48S02F Datasheet HTML 6Page - Toshiba Semiconductor TA48S02F Datasheet HTML 7Page - Toshiba Semiconductor TA48S02F Datasheet HTML 8Page - Toshiba Semiconductor TA48S02F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TA48S018,02,025,03,033,05F
2006-11-06
3
Block Diagram
Absolute Maximum Rating (Ta = 25°C) (Note 2)
Characteristic
Symbol
Rating
Unit
Input voltage
VIN
16
V
EN Input voltage
VEN
16
V
Output current
IOUT
1
A
Operating temperature
Topr
−40~85
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
Ta
= 25°C
1
Power dissipation
Tc
= 25°C
PD
10
W
junction-ambient
Rth(j-a)
125
Thermal
resistance
junction-case
Rth(j-c)
12.5
°C/W
Note 2: Do not apply current and voltage (including reverse polarity) to any pin that is not specified.
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Protection Function (Reference) (Note 3)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Over temperature
TSD (Tj)
160
°C
Peak circuit current
IPEAK
VIN = VOUT + 2 V, Tj = 25°C
1.5
A
Short circuit current
ISC
VIN = VOUT + 2 V, Tj = 25°C
1.5
A
Note 4: Ensure that the devices operate within the limits of the maximum rating when in actual use.
GND
ON/OFF
function
Over
temperature
protection
ASO
protection
Over current
protection
Control
circuit
EN
IN
OUT
Reference
voltage


Similar Part No. - TA48S02F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48S025AF TOSHIBA-TA48S025AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results

Similar Description - TA48S02F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
   500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
   1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com