Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA58L05F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA58L05F
Description  250 mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58L05F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA58L05F Datasheet HTML 1Page - Toshiba Semiconductor TA58L05F Datasheet HTML 2Page - Toshiba Semiconductor TA58L05F Datasheet HTML 3Page - Toshiba Semiconductor TA58L05F Datasheet HTML 4Page - Toshiba Semiconductor TA58L05F Datasheet HTML 5Page - Toshiba Semiconductor TA58L05F Datasheet HTML 6Page - Toshiba Semiconductor TA58L05F Datasheet HTML 7Page - Toshiba Semiconductor TA58L05F Datasheet HTML 8Page - Toshiba Semiconductor TA58L05F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TA58L05, 06, 08, 09, 10, 12, 15F
2006-11-02
1
1
OUT
Mark
3
2
GND
IN
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA58L05F, TA58L06F, TA58L08F, TA58L09F
TA58L10F, TA58L12F, TA58L15F
250 mA Low Dropout Voltage Regulator
The TA58L**F Series consists of fixed-positive-output, low-dropout
regulators with an output current of 250 mA (max) that utilize
PNP transistors for the output stage. Low dropout voltage and
standby current make the TA58L**F Series suitable for applications
requiring low power consumption.
Features
• Maximum output current
: 250 mA
• Output voltage
: 5/ 6/ 8/ 9/ 10/ 12/ 15 V
• Output voltage accuracy
: VOUT ± 3% (@Tj = 25°C)
• Low-dropout voltage
: 0.4 V (Max) (@IOUT = 200mA)
• Protection function
: Over current protection/ thermal shutdown/
Reverse connection of power supply / 60 V load dump
• Package type
: Surface-mount New PW-Mold
Pin Assignment
Marking
Note 1: The “**” in each product name is replaced with the output voltage of each product.
HSOP3-P-2.30D
Weight : 0.36 g (Typ.)
Lot No.
A line indicates
lead (Pb) - free package or
lead (Pb) – free finish.
Part No. (or abbreviation code)
1
2
58L**F
3


Similar Part No. - TA58L05F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
More results

Similar Description - TA58L05F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Texas Instruments
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com