Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM600HD-M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # QM600HD-M
Description  HIGH POWER SWITCHING USE NON-INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM600HD-M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  QM600HD-M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM600HD-M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM600HD-M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM600HD-M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb.1999
4
10
3
10
2
10
1
10
2
10
1
10
0
10
1
10
0
10
–1
10
0
0
1
2
345
1.0A
0.4A
0.2A
0.08A
200
400
600
800
1000
Tj=25°C
IB=2.0A
7
5
4
3
2
7
5
4
3
2
1.2
1.4
1.6
1.8
2.0
2.2
VCE=2.0V
Tj=25°C
0
10
–1
10
–2
10
7
5
4
3
2
7
5
4
3
2
23 4 5
7
2 3 4 5 7
4
10
3
10
2
10
1
10
2
10
3
10
VCE=2.0V
Tj=25°C
Tj=125°C
7
5
4
3
2
7
5
4
3
2
23 4 5 7
2 3 4 5 7
1
10
0
10
1
10
2
10
3
10
–1
10
Tj=25°C
Tj=125°C
IB=1.2A
VCE(sat)
VBE(sat)
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
4
4
4
Tj=25°C
Tj=125°C
tf
ts
ton
IB1=2.0A
VCC=200V
–IB2=4.0A
7
5
3
2
7
5
3
2
7
5
3
2
5
4
3
2
1
0
–2
10
–1
10
44
4
Tj=25°C
Tj=125°C
IC=600A
IC=400A
IC=200A
PERFORMANCE CURVES
COMMON EMITTER OUTPUT
CHARACTERISTICS (TYPICAL)
COMMON EMITTER INPUT
CHARACTERISTIC (TYPICAL)
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
SWITCHING TIME VS. COLLECTOR
CURRENT (TYPICAL)
DC CURRENT GAIN VS.
COLLECTOR CURRENT (TYPICAL)
COLLECTOR-EMITTER VOLTAGE
VCE (V)
COLLECTOR CURRENT
IC (A)
COLLECTOR CURRENT
IC (A)
BASE-EMITTER VOLTAGE
VBE (V)
BASE CURRENT
IB (A)
COLLECTOR CURRENT
IC (A)
MITSUBISHI TRANSISTOR MODULES
QM600HD-M
HIGH POWER SWITCHING USE
NON-INSULATED TYPE


Similar Part No. - QM600HD-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QM6003 ETC2-QM6003 Datasheet
326Kb / 5P
   Fits 7/8" (22mm) diameter holes
logo
VBsemi Electronics Co.,...
QM6003F VBSEMI-QM6003F Datasheet
910Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
QM6004P DOINGTER-QM6004P Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
uPI Group Inc.
QM6006D UPI-QM6006D Datasheet
237Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
QM6006D DOINGTER-QM6006D Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - QM600HD-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM100HC-M MITSUBISHI-QM100HC-M Datasheet
69Kb / 5P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
QM300HC-M MITSUBISHI-QM300HC-M Datasheet
64Kb / 5P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
QM200HC-M MITSUBISHI-QM200HC-M Datasheet
72Kb / 5P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
QM5HG-24 MITSUBISHI-QM5HG-24 Datasheet
44Kb / 3P
   MEDIUM POWER SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM25HG-24S MITSUBISHI-RM25HG-24S_09 Datasheet
485Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM25HG-24S MITSUBISHI-RM25HG-24S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S_09 Datasheet
486Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com